Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PC574 Datasheet(PDF) 4 Page - Renesas Technology Corp

Part # PC574
Description  BIPOLAR ANALOG INTEGRATED CIRCUIT
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PC574 Datasheet(HTML) 4 Page - Renesas Technology Corp

  PC574_15 Datasheet HTML 1Page - Renesas Technology Corp PC574_15 Datasheet HTML 2Page - Renesas Technology Corp PC574_15 Datasheet HTML 3Page - Renesas Technology Corp PC574_15 Datasheet HTML 4Page - Renesas Technology Corp PC574_15 Datasheet HTML 5Page - Renesas Technology Corp PC574_15 Datasheet HTML 6Page - Renesas Technology Corp PC574_15 Datasheet HTML 7Page - Renesas Technology Corp PC574_15 Datasheet HTML 8Page - Renesas Technology Corp PC574_15 Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
µPC574
2
ABSOLUTE MAXIMUM RATINGS (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Ratings
Unit
Zener Current
IZ
10
mA
Power Dissipation
PD
200 (TA = 75
°C)
mW
Operating Ambient Temperature Range
TA
–20 to +75
°C
Storage Temperature Range
Tstg
–40 to +125
°C
Caution Exposure to Absolute Maximum Ratings for extended periods may affect device reliability;
exceeding the ratings could cause permanent damage. The parameters apply independently. The
device should be operated within the limits specified under DC and AC Characteristics.
ELECTRICAL CHARACTERISTICS (TA = 25
°C, unless otherwise specified.)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Stabilized Voltage
VZ
IZ = 5 mA
31
35
V
Stabilized Voltage Temperature
∆VZ/∆TIZ = 5 mA, TA = –20 to +75°C
–1.0
0
+1.0
mV/
°C
Drift
Dynamic Resistance
rZ
IZ = 5 mA, f = 1 kHz, IAC = 0.5 mA
10
25
Ω



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com