Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FS5ASJ-06F Datasheet(PDF) 7 Page - Renesas Technology Corp

Part # FS5ASJ-06F
Description  High-Speed Switching Use Nch Power MOS FET
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

FS5ASJ-06F Datasheet(HTML) 7 Page - Renesas Technology Corp

  FS5ASJ-06F_15 Datasheet HTML 1Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 2Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 3Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 4Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 5Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 6Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 7Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 8Page - Renesas Technology Corp FS5ASJ-06F_15 Datasheet HTML 9Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
FS5ASJ-06F
REJ03G0239-0200 Rev.2.00 Dec 19, 2008
Page 5 of 6
10–1
100
2
3
4
5
7
101
2
3
4
5
7
–50
0
50
100
150
VGS = 10V
ID = 2A
Pulse Test
0
0.8
1.6
2.4
3.2
4.0
–50
0
50
100
150
VDS = 10V
ID = 1mA
On-State Resistance vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Threshold Voltage vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
0.4
0.6
0.8
1.0
1.2
1.4
–50
0
50
100
150
VGS = 0V
ID = 1mA
10–1
100
2
3
5
7
101
2
3
5
7
10–4
23 5 7
23 5 7
23 5 7
23 5 7
100
10–3
10–2
10–1
0.5
0.2
D = 1.0
Single Pulse
0.1
0.05
0.02
0.01
tr
td(on)
Vin
90%
90%
10%
10%
Vout
td(off)
90%
10%
tf
Vin Monitor
D.U.T.
RL
VDD
Vout
Monitor
RGEN
RGS
Breakdown Voltage vs.
Channel Temperature (Typical)
Channel Temperature Tch (°C)
Switching Time Measurement Circuit
Transient Thermal Impedance Characteristics
Pulse Width tw (s)
Switching Waveform
PDM
tw
D =
T
tw
T



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com