Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1223 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1223
Description  100MHz Current Feedback Amplifier
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1223 Datasheet(HTML) 2 Page - Linear Technology

  LT1223_15 Datasheet HTML 1Page - Linear Technology LT1223_15 Datasheet HTML 2Page - Linear Technology LT1223_15 Datasheet HTML 3Page - Linear Technology LT1223_15 Datasheet HTML 4Page - Linear Technology LT1223_15 Datasheet HTML 5Page - Linear Technology LT1223_15 Datasheet HTML 6Page - Linear Technology LT1223_15 Datasheet HTML 7Page - Linear Technology LT1223_15 Datasheet HTML 8Page - Linear Technology LT1223_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1223
2
1223fb
ORDER PART
NUMBER
ABSOLUTE
AXI U
RATI GS
(Note 1)
J8 PACKAGE
8-LEAD CERAMIC DIP
TJMAX = 175°C, θJA = 100°CW (J8)
PACKAGE/ORDER I FOR ATIO
S8 PART MARKING
LT1223CN8
LT1223CS8
1223
TJ MAX = 150°C, θJA = 100°C/W(N8)
TJ MAX = 150°C, θJA = 150°C/W(S8)
OBSOLETE PACKAGE
Consider the N8 or S8 for Alternative Source
Supply Voltage ......................................................
±18V
Differential Input Voltage .........................................
±5V
Input Voltage ............................ Equal to Supply Voltage
Output Short Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range
LT1223M (OBSOLETE) .............. –55
°C to 125°C
LT1223C ................................................ 0
°C to 70°C
Storage Temperature Range ..................–65
°C to 150°C
Junction Temperature Plastic Package ........... 150
°C
Junction Temperature Ceramic Package
(OBSOLETE) ..................................... 175
°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
LT1223CJ8
LT1223MJ8
Consult LTC Marketing for parts specified with wider operating temperature ranges.
1
2
3
4
8
7
6
5
TOP VIEW
NULL
–IN
+IN
V–
SHUTDOWN
V+
OUT
NULL
N8 PACKAGE
8-LEAD PLASTIC DIP
S8 PACKAGE
8-LEAD PLASTIC SO
ELECTRICAL CHARACTERISTICS
LT1223M/C
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Input Offset Voltage
VCM = 0V
±1
±3mV
IIN+
Noninverting Input Current
VCM = 0V
±1
±3
µA
IIN–
Inverting Input Current
VCM = 0V
±1
±3
µA
en
Input Noise Voltage Density
f = 1kHz, RF = 1k, RG = 10Ω
3.3
nV/
√Hz
in
Input Noise Current Density
f = 1kHz, RF = 1k, RG = 10Ω
2.2
pA/
√Hz
RIN
Input Resistance
VIN = ±10V
1
10
M
Ω
CIN
Input Capacitance
1.5
pF
Input Voltage Range
±10
±12
V
CMRR
Common Mode Rejection Ratio
VCM = ±10V
56
63
dB
Inverting Input Current Common Mode Rejection
VCM = ±10V
30
100
nA/V
PSRR
Power Supply Rejection Ratio
VS = ±4.5V to ±18V
68
80
dB
Noninverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
12
100
nA/V
Inverting Input Current Power Supply Rejection
VS = ±4.5V to ±18V
60
500
nA/V
AV
Large Signal Voltage Gain
RLOAD = 400Ω, VOUT = ±10V
70
89
dB
ROL
Transresistance,
∆VOUT/∆IIN–RLOAD = 400Ω, VOUT = ±10V
1.5
5
M
Ω
VOUT
Maximum Output Voltage Swing
RLOAD = 200Ω
±10
±12
V
IOUT
Maximum Output Current
RLOAD = 200Ω
50
60
mA
SR
Slew Rate
RF = 1.5k, RG = 1.5k (Note 3)
800
1300
V/
µs
BW
Bandwidth
RF = 1k, RG = 1k, VOUT = 100mV
100
MHz
VS = ± 15V, TA = 25°C, unless otherwise noted.
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com