Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1824 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTD1824
Description  EPITAXIAL PLANAR NPN TRANSISTOR (FOR LOW-FREQUENCY AMPLIFICATION)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1824 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTD1824 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1824 Datasheet HTML 2Page - KEC(Korea Electronics) KTD1824 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2001. 11. 29
2/3
KTD1824
Revision No : 1
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
0
I
- V
C
CE
24
68
10
20
40
60
80
100
120
V
- I
CE(sat)
C
COLLECTOR CURRENT I
(mA)
C
I =10
µA
20
µA
30
µA
40
µA
50
µA
60
µA
70
µA
80µA
90µA
100µA
B
BASE-EMITTER VOLTAGE V
(V)
0
BE
0
I
- V
C
BE
0.4
0.8
1.2
0.2
0.6
1.0
20
40
60
80
100
h
- I
FE
C
0.01
1
0.03
0.05
0.1
0.3
0.5
Ta=25 C
Ta=25 C
Ta=25 C
Ta=-25
C
Ta=75 C
Ta=75 C
Ta=25 C
Ta=-25 C
Ta=25 C
0.1
0.3
1
3
10
30
100
C
COLLECTOR CURRENT I
(mA)
0.1
0.3
1
3
10
30
100
E
EMITTER CURRENT I
(mA)
-0.1
-0.3
0
-1
-3
-10
-30
-100
50
100
150
200
250
0
300
600
900
1200
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
f
- I
TE
f=1MHz
0
10
30
3
1
100
2
1
3
4
5
6
7
8
I =0
E
V
=10V
CE
V
=10V
CE
V
=10V
CB
I /I =10
C B



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com