Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1319 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1319
Description  Multiple Modulation Standard Infrared Receiver
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1319 Datasheet(HTML) 2 Page - Linear Technology

  LT1319 Datasheet HTML 1Page - Linear Technology LT1319 Datasheet HTML 2Page - Linear Technology LT1319 Datasheet HTML 3Page - Linear Technology LT1319 Datasheet HTML 4Page - Linear Technology LT1319 Datasheet HTML 5Page - Linear Technology LT1319 Datasheet HTML 6Page - Linear Technology LT1319 Datasheet HTML 7Page - Linear Technology LT1319 Datasheet HTML 8Page - Linear Technology LT1319 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 12 page
background image
2
LT1319
1319fb
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOS
Preamp Input Offset Voltage
V (Pin 2) – V (Pin 5)
4
15
mV
Preamp Output Offset Voltage
V (Pin 4) – V (Pin 5)
10
25
mV
Preamp Loop Offset Voltage
V (Pin 3) – V (Pin 5)
50
150
250
mV
High Gain Loop Offset Voltage
V (Pin 9) – V (Pin 5)
600
800
950
mV
Low Gain Loop Offset Voltage
V (Pin 7) – V (Pin 5)
600
800
950
mV
AVP
Preamp Transimpedance
±10μA Into Pin 2, Measure ΔV (Pin 4), Fix Pin 3
10
15
17
k
Ω
Preamp Output Swing, Positive
100
μA Out of Pin 2, Measure ΔV (Pin 4), Fix Pin 3
0.25
0.4
0.55
V
Preamp Output Swing, Negative
100
μA Into Pin 2, Measure ΔV (Pin 4), Fix Pin 3
– 0.55
– 0.4
– 0.25
V
BWP
Preamp Bandwidth
C (Pin 3) = 1
μF, Measure f–3dB
7
MHz
in
Preamp Input Noise Current
C (Pin 3) = 1
μF, f = 10kHz
2
pA/
√Hz
Preamp Loop Rejection, Positive
50
μA Into Pin 2, Measure ΔV (Pin 4)
– 3
– 1
3
mV
Preamp Loop Rejection, Negative
50
μA Out of Pin 2, Measure ΔV (Pin 4)
– 3
1
3
mV
Preamp Loop Output Current, Positive
100
μA Out of Pin 2, Measure I (Pin 3), (Note 1)
– 150
– 100
– 50
μA
Preamp Loop Output Current, Negative
100
μA Into Pin 2, Measure I (Pin 3), (Note 1)
50
100
150
μA
VBIAS
Bias Voltage
V (Pin 5)
1.7
1.9
2.1
V
VBYPASS
Bypass Voltage
V (Pin 16)
4.75
4.9
4.95
V
IB
Filter Buffer Input Bias Current
I (Pin 6), I (Pin 8)
0.1
0.5
1.4
μA
RIN
Filter Buffer Input Resistance
ΔV = 0.1V, Measure ΔIB Pin 6, Pin 8
40
M
Ω
Gain Stage Loop Rejection, Positive
ΔV = 50mV (Pin 6, Pin 8), Measure ΔV (Pin 7, Pin 9)
0.33
0.45
0.57
V
Gain Stage Loop Rejection, Negative
ΔV = –50mV (Pin 6, Pin 8), Measure ΔV (Pin 7, Pin 9) –0.57
– 0.45
– 0.33
V
AVG
Gain Stages Voltage Gain
(Note 2)
400
V/V
BWG
Gain Stages Bandwidth
C (Pin 7) = C (Pin 9) = 1
μF
8
MHz
tr
Fast Comparator Response Time
10mV Overdrive
25
ns
Slow Comparator Response Time
10mV Overdrive
60
ns
VHYS
Fast Comparator Hysteresis Voltage
(Note 3)
35
mV
Slow Comparator Hysteresis Voltage
(Note 3)
40
mV
VOH
Fast Comparator Output High Voltage
ΔV (Pin 9) = –200mV, 1mA Out of Pin 10 (Note 4)
2.4
3.5
V
Slow Comparator Output High Voltage
ΔV (Pin 7) = –200mV, 0.1mA Out of Pin 13 (Note 4)
2.4
3.9
V
VOL
Fast Comparator Output Low Voltage
ΔV (Pin 9) = 200mV, 800μA Into Pin 10
0.35
0.5
V
Slow Comparator Output Low Voltage
ΔV (Pin 7) = 200mV, 800μA Into Pin 13
0.39
0.5
V
A
G
A
U
A
R
BSOLUTEXI
TI
S
PACKAGE/ORDER I FOR ATIO
ORDER PART
NUMBER
Total Supply Voltage (VCC to GND) ........................... 6V
Differential Voltage (Any Two Pins) .......................... 6V
Maximum Junction Temperature ......................... 150
°C
Operating Temperature Range .................... 0
°C to 70°C
Specified Temperature Range ..................... 0
°C to 70°C
Storage Temperature Range ................ – 65
°C to 150°C
Lead Temperature (Soldering, 10 sec)................. 300
°C
LT1319CS
ELECTRICAL C
C
HARA TERISTICS
Consult factory for Industrial or Military grade parts.
TA = 25°C, V15 = 5V, V1 = V12 = 0V, V6 = V8 = V14 = 2V, unless otherwise specified.
TJMAX = 150°C, θJA = 100°C/W
TOP VIEW
S PACKAGE
16-LEAD PLASTIC SO
1
2
3
4
5
6
7
8
16
15
14
13
12
11
10
9
AN_GND
IN
FILT1
PREOUT
VBIAS
FILTINL
FILT2L
FILTIN
BYPASS
VCC
SHDN
DATAL
DIG_GND
VTH
DATA
FILT2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com