Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTD1882 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTD1882
Description  EPITAXIAL PLANAR NPN TRANSISTOR (AUDIO FREQUENCY POWER AMPLIFIER LOW SPEED SWITCHING)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTD1882 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTD1882 Datasheet HTML 1Page - KEC(Korea Electronics) KTD1882 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2000. 12. 8
2/2
KTD1882
Revision No : 0
0
CE
16
12
82
0
4
COLLECTOR-EMITTER VOLTAGE V
(V)
0
CE
I
- V
C
COLLECTOR CURRENT I
(mA)
C
FE
h
- I C
COLLECTOR CURRENT I
(mA)
C
CE(sat)
V
,V
- I C
0.4
0.8
1.2
1.6
2.0
1
5
10
30
50
100
300
0.01
1K
3
500
10
3
C
0.3
0.1
1
COLLECTOR CURRENT I
(A)
C
f
- I
T
I =1mA
B
I =2mA
B
I =3mA
B
I =4mA
B
I =5mA
B
B
I =6mA
B
I =7mA
I =8mA
B
I =9mA
B
I =10mA
B
1
1
5
10
50
30
100
300
500
1K
3 5 10
30 50 100
300
1K
3K
V
=2V
CE
1K
10
13
100
500
300
1K
5
30
50
100
30
300
3K
BE(sat)
I /I =10
C B
V
(sat)
CE
V
(sat)
BE
0.03
V
=5V
CE
1
13
10
5
100
50
30
COLLECTOR-BASE VOLTAGE V
(V)
10
30
100
300
I =0
3K
1K
CB
E
1K
300
500
C
- V
ob
CB
f=1MHz
5K
3
3
1
10
3
0
0
AMBIENT TEMPERATURE Ta ( C)
C
P
- Ta
100
200
300
400
500
600
700
25
50
75
100
125
150
175



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com