Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1675 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1675
Description  250MHz, Triple and Single RGB Multiplexer with Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1675 Datasheet(HTML) 2 Page - Linear Technology

  LT1675_15 Datasheet HTML 1Page - Linear Technology LT1675_15 Datasheet HTML 2Page - Linear Technology LT1675_15 Datasheet HTML 3Page - Linear Technology LT1675_15 Datasheet HTML 4Page - Linear Technology LT1675_15 Datasheet HTML 5Page - Linear Technology LT1675_15 Datasheet HTML 6Page - Linear Technology LT1675_15 Datasheet HTML 7Page - Linear Technology LT1675_15 Datasheet HTML 8Page - Linear Technology LT1675_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1675/LT1675-1
16751fb
ABSOLUTE MAXIMUM RATINGS
Supply Voltage .....................................................
±6.3V
Inputs, ENABLE and SELECT, Current ................
±20mA
Output Short-Circuit Duration (Note 2) ......... Continuous
Specified Temperature Range ..................... 0
°C to 70°C
Operating Temperature Range (Note 3) .. – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature (Note 4) ............................ 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
(Note 1)
PACKAGE/ORDER INFORMATION
1
2
3
4
5
6
7
8
TOP VIEW
GN PACKAGE
16-LEAD PLASTIC SSOP NARROW
16
15
14
13
12
11
10
9
V+
VOUT RED
VOUT GREEN
VOUT BLUE
V–
V–
SELECT
ENABLE
RED 1
GREEN 1
BLUE 1
GND
GND
RED 2
GREEN 2
BLUE 2
TJMAX = 150°C, θJA = 120°C/ W
TJMAX = 150°C, θJA = 250°C/ W
TJMAX = 150°C, θJA = 150°C/ W
LT1675CMS8-1
1
2
3
4
VIN1
GND
VIN2
V–
8
7
6
5
V+
ENABLE
VOUT
SELECT
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
1
2
3
4
8
7
6
5
TOP VIEW
V+
ENABLE
VOUT
SELECT
VIN1
GND
VIN2
V–
S8 PACKAGE
8-LEAD PLASTIC SO
MS8 PART
MARKING
LTGX
S8 PART
MARKING
16751
ORDER PART
NUMBER
LT1675CS8-1
ORDER PART
NUMBER
Consult LTC Marketing for parts specified with wider operating temperature ranges.
GN PART
MARKING
1675
ORDER PART
NUMBER
LT1675CGN
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF, Lead Free Tape and Reel: Add #TRPBF, Lead Free Part Marking: http://www.linear.com/leadfree/



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com