Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1787 Datasheet(PDF) 13 Page - Linear Technology

Part # LT1787
Description  Precision, High Side Current Sense Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1787 Datasheet(HTML) 13 Page - Linear Technology

Back Button LT1787 Datasheet HTML 8Page - Linear Technology LT1787 Datasheet HTML 9Page - Linear Technology LT1787 Datasheet HTML 10Page - Linear Technology LT1787 Datasheet HTML 11Page - Linear Technology LT1787 Datasheet HTML 12Page - Linear Technology LT1787 Datasheet HTML 13Page - Linear Technology LT1787 Datasheet HTML 14Page - Linear Technology LT1787 Datasheet HTML 15Page - Linear Technology LT1787 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT1787/LT1787HV
1787fc
APPLICATIONS INFORMATION
Adjusting Gain Setting
The LT1787 may be used in all operating modes with an
external resistor used in place of the internal 20k ROUT
VS
+ – V
S
– (V)
0
0.30
0.25
0.20
0.15
0.10
0.05
0
0.005 0.010
IDEAL
0.015 0.020
1787 F09
0.025 0.030
Figure 9. Expanded Scale of Unidirectional Output
resistor. When an external resistor is used, leave the VBIAS
pin floating or connected to the VOUT pin. This will remove
the internal ROUT from the circuit.
The voltage gain will be gm • ROUT where gm is the
LT1787’s transconductance, 400
µA/V typical. A nominal
gain of 40 may be obtained with an external 100k resistor
used in place of the internal 20k ROUT:
AV = gm • ROUT = 400µA/V • 100k = 40
The transconductance gm is set by on-chip resistors on
the LT1787. These resistors match well but have loose
absolute tolerance. This will normally require that the
external gain setting resistor be trimmed for initial accu-
racy. After trimming, the temperature stability of the gm
and therefore gain will be –200ppm/
°C.
The only limitations placed upon the resistor choice is care
must be taken not to saturate the internal circuitry by
violating the VOMAX specification of VS + –0.75V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com