Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1942 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1942
Description  Quad DC/DC Converter for Triple Output TFT Supply Plus LED Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1942 Datasheet(HTML) 2 Page - Linear Technology

  LT1942_15 Datasheet HTML 1Page - Linear Technology LT1942_15 Datasheet HTML 2Page - Linear Technology LT1942_15 Datasheet HTML 3Page - Linear Technology LT1942_15 Datasheet HTML 4Page - Linear Technology LT1942_15 Datasheet HTML 5Page - Linear Technology LT1942_15 Datasheet HTML 6Page - Linear Technology LT1942_15 Datasheet HTML 7Page - Linear Technology LT1942_15 Datasheet HTML 8Page - Linear Technology LT1942_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1942
2
1942fb
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF
Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
VCC Voltage............................................................. 16V
SW1, SW2, SW3 Voltage .......................... –0.4V to 36V
SW4 .......................................................... –0.4V to 45V
FB1, FB3 Voltage ................................................... 2.5V
FB4 Voltage ....................................................... 400mV
NFB2 Voltage ................................................... –200mV
SHDN Voltage ......................................................... 10V
CTRL4 Voltage ........................................................ 16V
SS1, SS4 Voltage .................................................. 1.5V
Current Into D2 ......................................................... 1A
D2 Voltage ............................................................ –36V
Current Out of D3 ..................................................... 1A
D3 Voltage .............................................................. 36V
Current Out of D4 ..................................................... 4A
D4 Voltage .............................................................. 45V
LED1, LED2 Voltage ............................................... 45V
Current Into LED1, LED2 ..................................... 35mA
PGOOD Voltage ...................................................... 16V
VOUT3 Voltage ......................................................... 36V
CT Current ...........................................................
±1mA
Maximum Junction Temperature ......................... 125
°C
Operating Temperature Range (Note 2) .. – 40
°C to 85°C
Storage Temperature Range ................ – 65
°C to 125°C
ORDER PART
NUMBER
(Note 1)
ABSOLUTE
AXI U
RATI GS
PACKAGE/ORDER I FOR ATIO
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1942EUF
TJMAX = 125°C, θJA = 37°C/W, θJC = 4.3°C/W
EXPOSED PAD (PIN 25) IS SGND
(MUST BE SOLDERED TO PCB)
The
● denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3.3V, VSHDN = VIN, unless otherwise noted. (Note 2)
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Quiescent Current
VSHDN = 3.3V, VCTRL4 = 0V, Not Switching
●
710
mA
VSHDN = VCTRL4 = 0V, In Shutdown
●
01
µA
Input Voltage Range
VCC Pin
●
2.6
16
V
AVDD Feedback Voltage
FB1 Pin
●
1.225
1.25
1.275
V
AVDD Feedback Pin Bias Current (FB1)
FB1 Pin (Note 3)
15
60
nA
AVDD Feedback Voltage for Power Good Signal
FB1 Pin Voltage as a Percent of Nominal Voltage
●
95
97
100
%
VOFF Feedback Voltage
NFB2 Pin
–160
–150
–140
mV
VOFF Feedback Pin Bias Current (NFB2)
NFB2 Pin (Note 3)
25
60
nA
VON Feedback Voltage
FB3 Pin
1.225
1.25
1.275
V
VON Feedback Pin Bias Current (FB3)
FB3 Pin (Note 3)
25
60
nA
LED Feedback Voltage
FB4 Pin, VCTRL4 = 3.3V
●
190
200
210
mV
LED Feedback Pin Bias Current (FB4)
FB4 Pin (Note 3)
20
60
µA
LED Feedback Voltage with Dimming
FB4 Pin, VCTRL4 = 1V
85
95
105
mV
ELECTRICAL CHARACTERISTICS
24 23 22 21 20 19
7
8
9
TOP VIEW
25
UF PACKAGE
24-LEAD (4mm
× 4mm) PLASTIC QFN
10 11 12
6
5
4
3
2
1
13
14
15
16
17
18
PGND23
SW3
D3
VOUT3
FB3
NFB2
LED1
LED2
D4
FB4
FB1
PGOOD
UF PART
MARKING
1942



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com