Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3012B Datasheet(PDF) 13 Page - Linear Technology

Part # LT3012B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3012B Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3012B Datasheet HTML 8Page - Linear Technology LT3012B Datasheet HTML 9Page - Linear Technology LT3012B Datasheet HTML 10Page - Linear Technology LT3012B Datasheet HTML 11Page - Linear Technology LT3012B Datasheet HTML 12Page - Linear Technology LT3012B Datasheet HTML 13Page - Linear Technology LT3012B Datasheet HTML 14Page - Linear Technology LT3012B Datasheet HTML 15Page - Linear Technology LT3012B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
13
LT3012B
3012bf
+
ADJ
OUT
IN
LT3012B
GND
1
µF
3.3
µF
750k
VIN
12V
(LATER 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
–
ADJ
OUT
IN
LT3012B
GND
1
µF
3.3
µF
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3012B TA05
BACKUP
BATTERY
249k
750k
249k
LT3012B Automotive Application
LT3012B Telecom Application
Constant Brightness for Indicator LED over Wide Input Voltage Range
IN
LT3012B
1
µF
RETURN
–48V
OUT
ADJ
GND
3012B TA06
3.3
µF
RSET
ILED = 1.24V/RSET
–48V CAN VARY FROM –4V TO –80V
TYPICAL APPLICATIO S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com