Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT3013B Datasheet(PDF) 13 Page - Linear Technology

Part # LT3013B
Description  250mA, 4V to 80V Low Dropout Micropower Linear Regulator with PWRGD
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3013B Datasheet(HTML) 13 Page - Linear Technology

Back Button LT3013B Datasheet HTML 8Page - Linear Technology LT3013B Datasheet HTML 9Page - Linear Technology LT3013B Datasheet HTML 10Page - Linear Technology LT3013B Datasheet HTML 11Page - Linear Technology LT3013B Datasheet HTML 12Page - Linear Technology LT3013B Datasheet HTML 13Page - Linear Technology LT3013B Datasheet HTML 14Page - Linear Technology LT3013B Datasheet HTML 15Page - Linear Technology LT3013B Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LT3013B
13
3013bfb
TYPICAL APPLICATIONS
LT3013B Automotive Application
+
ADJ
OUT
IN
LT3013B
GND
1μF
3.3μF
750k
VIN
12V
(LATER 42V)
LOAD: CLOCK,
SECURITY SYSTEM
ETC
+
–
ADJ
OUT
IN
LT3013B
GND
1μF
3.3μF
VIN
48V
(72V TRANSIENT)
LOAD:
SYSTEM MONITOR
ETC
NO PROTECTION
DIODE NEEDED!
NO PROTECTION
DIODE NEEDED!
3013 TA05
BACKUP
BATTERY
249k
750k
249k
LT3013B Telecom Application
Constant Brightness for Indicator LED over Wide Input Voltage Range
IN
LT3013B
1μF
RETURN
–48V
OUT
ADJ
GND
3013 TA06
3.3μF
RSET
ILED = 1.24V/RSET
–48V CAN VARY FROM –4V TO –80V
APPLICATIONS INFORMATION
regulator output, this current will be reduced depending
on the size of the resistor divider.
When the IN pin of the LT3013B is forced below the
OUT pin or the OUT pin is pulled above the IN pin, input
current will typically drop to less than 2μA. This can happen
if the input of the LT3013B is connected to a discharged
(low voltage) battery and the output is held up by either
a backup battery or a second regulator circuit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com