Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1052 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1052
Description  Zero-Drift Operational Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1052 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1052 Datasheet HTML 9Page - Linear Technology LTC1052 Datasheet HTML 10Page - Linear Technology LTC1052 Datasheet HTML 11Page - Linear Technology LTC1052 Datasheet HTML 12Page - Linear Technology LTC1052 Datasheet HTML 13Page - Linear Technology LTC1052 Datasheet HTML 14Page - Linear Technology LTC1052 Datasheet HTML 15Page - Linear Technology LTC1052 Datasheet HTML 16Page - Linear Technology LTC1052 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
LTC1052/LTC7652
13
1052fa
TYPICAL APPLICATIO S
Offset Stabilized Comparator
1HZ to 1.25MHz Voltage-to-Frequency Converter (5V Supply)
LTC1052/7652 • TA05
1M
–
5V
LTC1043
COMPARATOR
INPUTS
5V
STATUS OUTPUT
OV = ZERO
5V = COMPARE
4
5
16
3
2
8
11
–5V
14
13
7
+
GROUND OR
INPUT COMMON-
MODE VOLTAGE
5V
6
15
18
+
–
LTC1052
ZERO COMMAND
5V = ZERO
–5V= COMPARE
+
–
LT1011
2
3
4
5
1
6
7
8
6
COMPARATOR
OUTPUT (± 5V)
10k
–5V
7
2
150Ω
330Ω
2k
–5V
8
4
5V
1µF
1
3
0.1µF
0.1µF
12
17
VIN
OV TO 5V
TRW MTR–5/ +1200ppm/
°C
POLYSTYRENE–WESCO #32–P/ – 120ppm/
°C
*
**
LINEARITY
DYNAMIC RANGE
ZERO POINT DRIFT
GAIN DRIFT
± 0.05%
>120dB
0.01Hz/
°C
20ppm/
°C
0.22
µF
5V
LTC1043
12
+
–
LTC1052
6
7
2
8
4
5V
1
3
0.1
µF
0.1
µF
11
4
8
5V
5V
10k
74C04
7
NC
0.01
µF
OUTPUT
1H to 1.25MHz
3.3pF
10k
100pF**
1/2
16
17
14
13
2k
LT1004-1.2V
10k
FULL-SCALE TRIM
(1.25MHz)
30.1k*
3.3k
10k
470
Ω
330pF
Q1
2N2907
470
Ω
LTC1052/7652 • TA06
2N3904
0.01
µF
0.1
µF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com