Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1064 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC1064
Description  Low Noise, Fast, Quad Universal Filter Building Block
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1064 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC1064 Datasheet HTML 9Page - Linear Technology LTC1064 Datasheet HTML 10Page - Linear Technology LTC1064 Datasheet HTML 11Page - Linear Technology LTC1064 Datasheet HTML 12Page - Linear Technology LTC1064 Datasheet HTML 13Page - Linear Technology LTC1064 Datasheet HTML 14Page - Linear Technology LTC1064 Datasheet HTML 15Page - Linear Technology LTC1064 Datasheet HTML 16Page - Linear Technology LTC1064 Datasheet HTML 17Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
LTC1064
13
1064fb
8th Order Chebyshev Lowpass Filter with a Passband
Ripple of 0.1dB and Cutoff Frequency up to 100kHz
TYPICAL APPLICATIO S
INV B
HPB/NB
BPB
LPB
SB
AGND
V+
SA
LPA
BPA
HPA/NA
INV A
24
23
22
21
20
19
18
17
16
15
14
13
1
2
3
4
5
6
7
8
9
10
11
12
INV C
HPC/NC
BPC
LPC
SC
V–
CLK
50/100
LPD
BPD
HPD
INV D
LTC1064
R22
R32
R42
R23
R33
R43
R13
R14
R12
R44
R34
R24
R11
VIN
5V TO 8V
0.1
µF
–5V TO –8V
5V TO 8V
VOUT
1064 TA11
R41
R31
R21
0.1
µF
RESISTOR VALUES:
R11 = 100.86k R21 = 16.75k
R31 = 23.6k
R41 = 99.73k
R12 = 25.72k
R22 = 20.93k
R32 = 45.2k
R42 = 25.52k
R13 = 16.61k
R23 = 10.18k
R33 = 68.15k
R43 = 99.83k
R14 = 13.84k
R24 = 11.52k
R34 = 17.72k
R44 = 25.42k
FOR fCLK > 3MHz, ADD C2 = 10pF ACROSS R42
C3 = 10pF ACROSS R43
C4 = 10pF ACROSS R44
WIDEBAND NOISE = 170
µVRMS
fCLK = 5MHz
Amplitude Response
INPUT FREQUENCY (Hz)
10k
15
0
–15
–30
–45
–60
–75
–90
–105
100k
1M
1064 TA12
VS = ±8V
fCLK = 5MHz
PASSBAND RIPPLE = 0.1dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com