Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1473L Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1473L
Description  Dual Low Voltage PowerPath Switch Driver
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1473L Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1473L Datasheet HTML 7Page - Linear Technology LTC1473L Datasheet HTML 8Page - Linear Technology LTC1473L Datasheet HTML 9Page - Linear Technology LTC1473L Datasheet HTML 10Page - Linear Technology LTC1473L Datasheet HTML 11Page - Linear Technology LTC1473L Datasheet HTML 12Page - Linear Technology LTC1473L Datasheet HTML 13Page - Linear Technology LTC1473L Datasheet HTML 14Page - Linear Technology LTC1473L Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1473L
11
VGG Regulator Inductor and Capacitors
The VGG regulator provides a power supply voltage signifi-
cantly higher than either of the two main power source
voltages to allow the control of N-channel MOSFET
switches. This micropower, step-up voltage regulator is
powered by the higher potential available from the two
main power sources for maximum regulator efficiency.
APPLICATIO S I FOR ATIO
Three external components are required by the VGG regu-
lator: L1, C1 and C2, as shown in Figure 5.
L1 is a small, low current, 1mH surface mount inductor. C1
provides filtering to the input of the 1mH switched induc-
tor and should be at least 1
µF to filter switching transients.
The VGG output capacitor, C2, provides storage and filter-
ing for the VGG output and should be at least 1µF and rated
for 25V operation. C1 and C2 can be ceramic capacitors.
Figure 5. VGG Step-Up Switching Regulator
BAT1
DCIN
VGG
SWITCHING
REGULATOR
V+
SW
GND
1473 F05
VGG
L1*
1mH
C1
1
µF
25V
C2
1
µF
25V
TO GATE
DRIVERS
(8.5V + V+)
LTC1473L
*COILCRAFT 1812LS-105 XKBC. (708) 639-6400



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com