Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1669 Datasheet(PDF) 2 Page - Linear Technology

Part # LTC1669
Description  10-Bit Rail-to-Rail Micropower DAC with IC Interface
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1669 Datasheet(HTML) 2 Page - Linear Technology

  LTC1669 Datasheet HTML 1Page - Linear Technology LTC1669 Datasheet HTML 2Page - Linear Technology LTC1669 Datasheet HTML 3Page - Linear Technology LTC1669 Datasheet HTML 4Page - Linear Technology LTC1669 Datasheet HTML 5Page - Linear Technology LTC1669 Datasheet HTML 6Page - Linear Technology LTC1669 Datasheet HTML 7Page - Linear Technology LTC1669 Datasheet HTML 8Page - Linear Technology LTC1669 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LTC1669
2
1669fa
ABSOLUTE MAXIMUM RATINGS
VCC to GND .............................................. – 0.3V to 7.5V
SDA, SCL ................................................. –0.3V to 7.5V
AD0, AD1, AD2 (MSOP Only)........ –0.3V to (VCC + 0.3V)
VOUT .............................................–0.3V to (VCC + 0.3V)
(Note 1)
1
2
3
4
SDA
AD1
AD2
SCL
8
7
6
5
VOUT
GND
AD0
VCC
TOP VIEW
MS8 PACKAGE
8-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 150°C/W
SDA 1
GND 2
TOP VIEW
S5 PACKAGE
5-LEAD PLASTIC SOT-23
VOUT 3
5 SCL
4 VCC
TJMAX = 125°C, θJA = 250°C/W
PIN CONFIGURATION
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1669CMS8#PBF
LTC1669CMS8#TRPBF
LTAHV
8-Lead Plastic MSOP
0°C to 70°C
LTC1669IMS8#PBF
LTC1669IMS8#TRPBF
LTAHX
8-Lead Plastic MSOP
–40°C to 85°C
LTC1669-8CMS8#PBF
LTC1669-8CMS8#TRPBF
LTAHT
8-Lead Plastic MSOP
0°C to 70°C
LTC1669-8IMS8#PBF
LTC1669-8IMS8#TRPBF
LTAHU
8-Lead Plastic MSOP
–40°C to 85°C
TAPE AND REEL (MINI)
TAPE AND REEL
PART MARKING
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LTC1669CS5#TRMPBF
LTC1669CS5#TRPBF
LTAHW
5-Lead Plastic TSOT-23
0°C to 70°C
LTC1669-1CS5#TRMPBF
LTC1669-1CS5#TRPBF
LTAHR
5-Lead Plastic TSOT-23
0°C to 70°C
TRM = 500 pieces.
Consult LTC Marketing for parts specified with wider operating temperature ranges.
Consult LTC Marketing for information on lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
Operating Temperature Range
LTC1669C ............................................... 0°C to 70°C
LTC1669I............................................. –40°C to 85°C
Storage Temperature Range.................. –65°C to 150°C
Lead Temperature (Soldering, 10 sec) ................. 300°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com