Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC1772B Datasheet(PDF) 11 Page - Linear Technology

Part # LTC1772B
Description  Constant Frequency Current Mode Step-Down DC/DC Controller in SOT-23
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC1772B Datasheet(HTML) 11 Page - Linear Technology

Back Button LTC1772B Datasheet HTML 7Page - Linear Technology LTC1772B Datasheet HTML 8Page - Linear Technology LTC1772B Datasheet HTML 9Page - Linear Technology LTC1772B Datasheet HTML 10Page - Linear Technology LTC1772B Datasheet HTML 11Page - Linear Technology LTC1772B Datasheet HTML 12Page - Linear Technology LTC1772B Datasheet HTML 13Page - Linear Technology LTC1772B Datasheet HTML 14Page - Linear Technology LTC1772B Datasheet HTML 15Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1772B
11
1772bfa
APPLICATIONS INFORMATION
current, 2) MOSFET gate charge current, 3) I2R losses
and 4) voltage drop of the output diode.
1. The VIN current is the DC supply current, given in the
electrical characteristics, that excludes MOSFET driver
and control currents. VIN current results in a small loss
which increases with VIN.
2. MOSFET gate charge current results from switching
the gate capacitance of the power MOSFET. Each time a
MOSFET gate is switched from low to high to low again,
a packet of charge dQ moves from VIN to ground. The
resulting dQ/dt is a current out of VIN which is typically
much larger than the DC supply current. In continuous
mode, IGATECHG = f(Qp).
3. I2R losses are predicted from the DC resistances of
the MOSFET, inductor and current shunt. In continu-
ous mode the average output current flows through L
but is “chopped” between the P-channel MOSFET (in
series with RSENSE) and the output diode. The MOSFET
RDS(ON) plus RSENSE multiplied by duty cycle can be
summed with the resistances of L and RSENSE to obtain
I2R losses.
4. The output diode is a major source of power loss at
high currents and gets worse at high input voltages.
The diode loss is calculated by multiplying the forward
voltage times the diode duty cycle multiplied by the
load current. For example, assuming a duty cycle of
50% with a Schottky diode forward voltage drop of
0.4V, the loss increases from 0.5% to 8% as the load
current increases from 0.5A to 2A.
5. Transition losses apply to the external MOSFET and
increase at higher operating frequencies and input
voltages. Transition losses can be estimated from:
Transition Loss = 2(VIN)2IO(MAX)CRSS(f)
Other losses including CINandCOUTESRdissipativelosses,
and inductor core losses, generally account for less than
2% total additional loss.
Foldback Current Limiting
As described in the Output Diode Selection, the worst-case
dissipation occurs with a short-circuited output when the
diode conducts the current limit value almost continuously.
To prevent excessive heating in the diode, foldback current
limiting can be added to reduce the current in proportion
to the severity of the fault.
Foldback current limiting is implemented by adding diodes
DFB1 and DFB2 between the output and the ITH/RUN pin as
shown in Figure 6. In a hard short (VOUT = 0V), the current
will be reduced to approximately 50% of the maximum
output current.
Figure 6. Foldback Current Limiting
VFB
ITH/RUN
VOUT
LTC1772B
R1
1772 F05
R2
DFB1
DFB2
+



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com