Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3236 Datasheet(PDF) 12 Page - STMicroelectronics

Part # AN3236
Description  Guidelines to increase the number of touch sensing touchkeys
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3236 Datasheet(HTML) 12 Page - STMicroelectronics

Back Button AN3236 Datasheet HTML 7Page - STMicroelectronics AN3236 Datasheet HTML 8Page - STMicroelectronics AN3236 Datasheet HTML 9Page - STMicroelectronics AN3236 Datasheet HTML 10Page - STMicroelectronics AN3236 Datasheet HTML 11Page - STMicroelectronics AN3236 Datasheet HTML 12Page - STMicroelectronics AN3236 Datasheet HTML 13Page - STMicroelectronics AN3236 Datasheet HTML 14Page - STMicroelectronics AN3236 Datasheet HTML 15Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 12 / 15 page
background image
Maximizing the number of touchkeys
AN3236
12/15
DocID17613 Rev 3
4
Maximizing the number of touchkeys
The user can combine the touchkey matrix with single electrode touchkeys to maximize the
number of possible touchkeys. This gives a pure single touch interface.
In this configuration, single electrodes are added on each row and column of the touchkey
matrix as shown in Figure 7. There are two decoding cases:
•
if one channel is detected, the connected single electrode touchkey is touched
•
if two channels are detected, the touchkey corresponding to the intersection of the two
channels is touched.
In the case of multi-touches, it is impossible to discriminate which touchkeys are touched.
This solution is only adapted for applications where the user touches one key at a time.
Figure 7. Touchkey matrix with a single electrode on each channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com