Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3240 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3240
Description  Ultrasound HV pulser demonstration board
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3240 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3240 Datasheet HTML 9Page - STMicroelectronics AN3240 Datasheet HTML 10Page - STMicroelectronics AN3240 Datasheet HTML 11Page - STMicroelectronics AN3240 Datasheet HTML 12Page - STMicroelectronics AN3240 Datasheet HTML 13Page - STMicroelectronics AN3240 Datasheet HTML 14Page - STMicroelectronics AN3240 Datasheet HTML 15Page - STMicroelectronics AN3240 Datasheet HTML 16Page - STMicroelectronics AN3240 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 32 page
background image
AN3240
PCB demo description
Doc ID 17689 Rev 1
13/32
Figure 3.
PCB top layout
Figure 4.
C1 (CONN1) head connector description
C23
SMCVF
22 µF
100 V
C24
SMCVF
22 µF
100 V
C25
SMCVF
22 µF
100 V
C26
SMCVC
22 µF
16 V
C27
SMCVC
22 µF
16 V
C28
SMCVC
22 µF
16 V
C2ChA
SMC0805
250 pF
100 V
C2ChB
SMC0805
250 pF
100 V
C2ChC
SMC0805
250 pF
100 V
1.
LV stands for Low voltage class
Table 3.
Capacitances and resistances list (continued)
Name
Type
Value
Class



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com