Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3258 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3258
Description  Local interconnect network
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3258 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3258 Datasheet HTML 1Page - STMicroelectronics AN3258 Datasheet HTML 2Page - STMicroelectronics AN3258 Datasheet HTML 3Page - STMicroelectronics AN3258 Datasheet HTML 4Page - STMicroelectronics AN3258 Datasheet HTML 5Page - STMicroelectronics AN3258 Datasheet HTML 6Page - STMicroelectronics AN3258 Datasheet HTML 7Page - STMicroelectronics AN3258 Datasheet HTML 8Page - STMicroelectronics AN3258 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 16 page
background image
AN3258
HSI calibration
Doc ID 17825 Rev 1
5/16
1
HSI calibration
1.1
HSI trimming bits
STM8A/S microcontrollers have an HSI oscillator with a nominal frequency (fHSI) of 16 MHz
which is factory calibrated at an ambient temperature (TA ) of 25 °C and a supply voltage
(VCC) of 5 V. The accuracy for overall temperature and voltage range is ±5 % (please refer to
the device specific datasheet) which is sufficient for many applications. For a given voltage
and temperature condition, the HSI oscillator frequency can be calibrated to ±1 % or ±0.5 %
by using calibration bits as described below and in Figure 1.
After a device reset, the factory calibration value at TA = 25 °C and VCC = 5 V is
automatically loaded into the internal calibration register. The HSI frequency can be fine-
tuned by writing the calibration bits present in the HSI clock calibration trimming register
(CLK_HSITRIMR). The maximum number of calibration bits present is either three or four
depending on the device. The calibration bits provide an additional trimming value which is
added to the factory calibration value to fine-tune the HSI output frequency. The additional
trimming value, written in the trimming bits, is interpreted as a signed value with two’s
complement representation (see Table 1). In the case of three trimming bits, this additional
trimming value can vary from -4 (100b) to 3 (011b) and in the case of four trimming bits, this
additional trimming value varies from -7 (1001b) to 7 (0111b). Thus, the additional trimming
value can be added or subtracted to the factory calibration value. An increase in the
trimming value causes a decrease in the HSI frequency. The frequency change per step is
±1 % or ±0.5 % depending on the device and number of trimming bits used (three or four).
Some devices can use either three or four trimming bits which are programmable via the
HSITRIM option byte.
Figure 1.
STM8A/S HSI trimming principle
RC OSCILLATOR
DECODER
CLK_HSITRIM
HSI Clock Output
+
INIT_TRIM



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com