Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3260 Datasheet(PDF) 5 Page - STMicroelectronics

Part # AN3260
Description  Building a thermometer using the STM8S-DISCOVERY
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3260 Datasheet(HTML) 5 Page - STMicroelectronics

  AN3260 Datasheet HTML 1Page - STMicroelectronics AN3260 Datasheet HTML 2Page - STMicroelectronics AN3260 Datasheet HTML 3Page - STMicroelectronics AN3260 Datasheet HTML 4Page - STMicroelectronics AN3260 Datasheet HTML 5Page - STMicroelectronics AN3260 Datasheet HTML 6Page - STMicroelectronics AN3260 Datasheet HTML 7Page - STMicroelectronics AN3260 Datasheet HTML 8Page - STMicroelectronics AN3260 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
AN3260
Prerequisites
Doc ID 17836 Rev 1
5/24
1
Prerequisites
The material required to run the STM8S-DISCOVERY thermometer demonstration
application is the following:
G
A terminal window running on a PC: the terminal emulator software can be Windows
Hyperterminal (see Appendix A), TeraTerm Pro, or any terminal software.
G
An RS232 null-modem cable (transmit and receive line crosslinked)
G
USB type-A to mini-B cable.
2
Configuring the application
STM8S-DISCOVERY JP1 jumper must be set in 2/3 position to select a 5 V VDD supply
voltage.
3
Application description
3.1
Hardware required
This application uses the STM8S-DISCOVERY on-board LED (LD1) together with its
associated resistor (R1).
The external passive components required by the application are listed in Table 1.
In addition, the application makes use of a 5 V powered ST232C RS232 driver/receiver. This
extra component is essential since the COM port of the PC operates from a nominal 12 V
power supply which is not compatible with the STM8S UART input/output operating at 5 V.
This component is available in an SO16 package which fits the STM8S-Discovery footprint.
Refer to the datasheet for more information on the ST232C. Refer to Table 2 for the full list of
packaged devices.
Table 1.
List of passive components
Component name
Value
Comments
R2
2.2 kΩ
Pull-up resistor
R3, R4 (optional)
100 Ω
Current limitation resistors
C6, C7
100 nF
Debounce filters
Button1
-
Standard pushbutton
Button2
-
Standard pushbutton
C2, C3
100 nF
Charge-pump capacitors
C1, C4
100 nF
Output capacitors
C5
100 nF
Decoupling capacitor



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com