Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3270 Datasheet(PDF) 20 Page - STMicroelectronics

Part # AN3270
Description  Using the STM8L16x AES hardware accelerator
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3270 Datasheet(HTML) 20 Page - STMicroelectronics

Back Button AN3270 Datasheet HTML 15Page - STMicroelectronics AN3270 Datasheet HTML 16Page - STMicroelectronics AN3270 Datasheet HTML 17Page - STMicroelectronics AN3270 Datasheet HTML 18Page - STMicroelectronics AN3270 Datasheet HTML 19Page - STMicroelectronics AN3270 Datasheet HTML 20Page - STMicroelectronics AN3270 Datasheet HTML 21Page - STMicroelectronics AN3270 Datasheet HTML 22Page - STMicroelectronics AN3270 Datasheet HTML 23Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 20 / 23 page
background image
AES block processing
AN3270
20/23
Doc ID 17919 Rev 2
Figure 16. shows an example of the display of typed text, plain text and cipher text (ASCII
and hex formats).
Figure 16.
Encryption/Decryption result display
3.4
Some recommendations
The firmware implementation of the AES chaining modes provided with this application note
is intended to be used as a starting-point. For many applications, this firmware may be used
as is. However, for applications with tough constraints in terms of code size and/or execution
speed, this firmware may be tailored and simplified to cover only the required features. Refer
to the AES section in the microcontroller’s reference manual RM0031 for more details.
The Direct Memory Access (DMA) can be used to handle input and output phases for better
performance and free the CPU for other tasks
The encryption key can be stored and protected in EEPROM data memory. Refer to the
“Flash program memory and data EEPROM” section in the microcontroller’s reference
manual RM0031.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com