Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3298 Datasheet(PDF) 21 Page - STMicroelectronics

Part # AN3298
Description  STM8S DALI slave library
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3298 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button AN3298 Datasheet HTML 17Page - STMicroelectronics AN3298 Datasheet HTML 18Page - STMicroelectronics AN3298 Datasheet HTML 19Page - STMicroelectronics AN3298 Datasheet HTML 20Page - STMicroelectronics AN3298 Datasheet HTML 21Page - STMicroelectronics AN3298 Datasheet HTML 22Page - STMicroelectronics AN3298 Datasheet HTML 23Page - STMicroelectronics AN3298 Datasheet HTML 24Page - STMicroelectronics AN3298 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 27 page
background image
AN3298
Function description
Doc ID 18098 Rev 1
21/27
u8 E2_ReadMem(addr),
void E2_WriteMem(addr, data),
void E2_WriteBurst(addr, times, *buf)
This set of functions:
●
Reads/writes to/from EEPROM data
3.2.6
lite_timer_8bit.c,
lite_timer_8bit.h
These files are the timing module. They contain all virtual timers which are needed for DALI
timing such as intervals for the dimming function and DALI timeouts. Reference timer ticks
come from the DALI I/O pin driver layer.
The most important functions of these files are given below in bold.
void Timer_Lite_Init(void)
This function:
●
Initializes the timing module
●
Initializes the internal variables to their default state
void RTC_LaunchTimer(timer_value)
This function:
●
Initializes a timeout for DALI command repetition
void RTC_LaunchUserTimer(TimerCount),
void RTC_DoneUserTimer(void)
This set of functions:
●
Dims the update intervals (start and stop)
void RTC_LaunchBigTimer(mins)
This function:
●
Initializes the timeout (usually 15 minutes) - expiration of the DALI "Initialize" command
void RTC_LaunchDAPCTimer(void)
This function:
●
Initializes the timeout (200 ms) - expiration of the DALI "DAPC sequence" command
void PowerOnTimerReset(void)
This function:
●
Stops the power-on timeout (600 ms) which was started during power-on (using the
Timer_Lite_Init() function)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com