Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTK211 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTK211
Description  N CHANNEL JUNCTION FIFLD EFFFCT TRANSISTOR (HIGH FREQUENCY, VHF BAND AMPLIFIER)
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTK211 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTK211 Datasheet HTML 1Page - KEC(Korea Electronics) KTK211 Datasheet HTML 2Page - KEC(Korea Electronics) KTK211 Datasheet HTML 3Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2003. 2. 25
2/3
KTK211
Revision No : 2
R =50Ω
INPUT
g
10pF
L1
L2
10pF
OUTPUT
R =50Ω
L
DD
V
D
S
G
L1 : 0.8mmΦ Ag PLATED Cu WIRE , 3 TURNS , 10mm ID , 10mm LENGTH.
L1 : 0.8mmΦ Ag PLATED Cu WIRE , 3.5 TURNS , 10mm ID , 10mm LENGTH.
0.005µF
0.005µF
RS
Fig. 100MHz GPS, NF TEST CIRCUIT
GROUP
RS( )
KTK211 - O
0
KTK211 - Y
18
5%
KTK211 - GR
100
5%
KTK211 - BL
200
5%
KTK211 is measured at each group by changing RS.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com