Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3342 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3342
Description  Getting started with STM8TL5xxx
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3342 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3342 Datasheet HTML 19Page - STMicroelectronics AN3342 Datasheet HTML 20Page - STMicroelectronics AN3342 Datasheet HTML 21Page - STMicroelectronics AN3342 Datasheet HTML 22Page - STMicroelectronics AN3342 Datasheet HTML 23Page - STMicroelectronics AN3342 Datasheet HTML 24Page - STMicroelectronics AN3342 Datasheet HTML 25Page - STMicroelectronics AN3342 Datasheet HTML 26Page - STMicroelectronics AN3342 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 39 page
background image
AN3342
STM8 development tools
Doc ID 18461 Rev 3
23/39
9
STM8 development tools
Typically, the following tools are needed to get started:
STVD, IAR workbench, or RIDE for integrated development environment
STM8 C compiler (from Cosmic, Raisonance, or IAR)
ST toolset from STMicroelectronics
Firmware libraries from STMicroelectronics (STM8TL5x_StdPeriph_Lib and
STM8TL5x_STMTouch_Lib for STM8TL5x)
STM8TL53 Touch keypad Evaluation board or STMT-BOX™ (a) Evaluation kit from
STMicroelectronics.
The debug interface ST-LINK is included in STMT-BOX™ Display board
If you do not use STMT-BOX™ Display board, you may need the hardware debug
interface ST-Link from STMicroelectronics or "Rlink" from Raisonance.
STMStudio is a graphical user interface that allows sampling and viewing user
variables in real time using any hardware debugging tool while the application is
running.
9.1
Single wire interface module (SWIM)
9.1.1
SWIM overview
In-circuit debugging mode or in-circuit programming mode are managed through a single
wire hardware interface based on an open-drain line, featuring ultra fast memory
programming. Coupled with an in-circuit debugging module, the SWIM also offers a non-
intrusive read/write to RAM and peripherals. This makes the in-circuit debugger extremely
powerful and close in performance to a full-featured emulator.
The SWIM pin can be used as a standard I/O (with 8 mA capability) which has some
restrictions if the user wants to use it for debugging. The most secure way to use it is to
provide a strap option on the PCB. Please refer to the STM8 SWIM communication protocol
and debug module user manual (UM0470) for more SWIM protocol details.
Figure 12.
Debug system block diagram
a.
The STMT-BOX™ is an STMicroelectronics trademark.
SWIM entry
100 kHz Osc
Internal RC
Comm
layer
CMD
decode
DM
STM8
core
Peripheral
NVM
RAM
DBG



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com