Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3413 Datasheet(PDF) 4 Page - STMicroelectronics

Part # AN3413
Description  STM32L1x current consumption measurement and touch sensing demonstration firmware
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3413 Datasheet(HTML) 4 Page - STMicroelectronics

  AN3413 Datasheet HTML 1Page - STMicroelectronics AN3413 Datasheet HTML 2Page - STMicroelectronics AN3413 Datasheet HTML 3Page - STMicroelectronics AN3413 Datasheet HTML 4Page - STMicroelectronics AN3413 Datasheet HTML 5Page - STMicroelectronics AN3413 Datasheet HTML 6Page - STMicroelectronics AN3413 Datasheet HTML 7Page - STMicroelectronics AN3413 Datasheet HTML 8Page - STMicroelectronics AN3413 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
Application description
AN3413
4/18
DocID018933 Rev 2
Figure 1. Application schematics
1.4
Application principle
1.4.1
Overview
STM32L1xx DISCOVERY includes specific analog and logic hardware that is connected to
STM32L152 microcontroller and which is intended to measure and display the supply IDD
current when the device is placed in different power consumption modes such as:
Run mode
Sleep mode
Low power run mode
Low power sleep mode
Stop mode with operating RTC
Stop mode without RTC
Standby mode
The user reads the value displayed on the STM32L1xx DISCOVERY’s LCD panel, to know
how much power the device is currently consuming.
With this demonstration, you can obtain an overview of low power modes and supply current
requirements for each low power mode available on STM32L152.
C25
PA0
R39
330
R40
Blue
Green
PB7
PB6
LD3
LD4
User push-button
100 nF
LCD controller
STM32L152RBT6
or STM32L152RCT6
LCDCOM[3:0]
LCDSEG[23:0]
LCD
R38
10 k
VDD
BAR
0
1
2
3
IDD measurement circuitry
PA4
PA0
PC13
PB0..1, PC4..5,
PA6..7
Touch sensing
linear sensor
660
MS19810V2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com