Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3431 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3431
Description  How to design a PresSense pressure touch button
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3431 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3431 Datasheet HTML 9Page - STMicroelectronics AN3431 Datasheet HTML 10Page - STMicroelectronics AN3431 Datasheet HTML 11Page - STMicroelectronics AN3431 Datasheet HTML 12Page - STMicroelectronics AN3431 Datasheet HTML 13Page - STMicroelectronics AN3431 Datasheet HTML 14Page - STMicroelectronics AN3431 Datasheet HTML 15Page - STMicroelectronics AN3431 Datasheet HTML 16Page - STMicroelectronics AN3431 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
AN3431
Mechanical construction considerations
Doc ID 019017 Rev 1
13/18
2.3
Size of the sensor pads
An area of at least 80 mm2 (absolute minimum size) and up to 160 mm2 is recommended for
the sensor pads. The size of the sensor pads is a very important consideration because the
greater their size, the more sensitive they are. Sensor pads can be square (with round
edges) or round.
The button spacing of the sensor pads should be designed so that a force applied on one
button, should not have an effect on an adjacent button.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com