Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3433 Datasheet(PDF) 23 Page - STMicroelectronics

Part # AN3433
Description  Optimizing wakeup time and power consumption in CR95HF and STRFNFCA devices
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3433 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button AN3433 Datasheet HTML 19Page - STMicroelectronics AN3433 Datasheet HTML 20Page - STMicroelectronics AN3433 Datasheet HTML 21Page - STMicroelectronics AN3433 Datasheet HTML 22Page - STMicroelectronics AN3433 Datasheet HTML 23Page - STMicroelectronics AN3433 Datasheet HTML 24Page - STMicroelectronics AN3433 Datasheet HTML 25Page - STMicroelectronics AN3433 Datasheet HTML 26Page - STMicroelectronics AN3433 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 34 page
background image
AN3433
Tag detection principle
Doc ID 019046 Rev 2
23/34
Figure 8.
Tag detection principle (levels of antenna current)
A.1
Tag detection sequence
Several parameters of the tag detection sequence can be managed to optimize the wakeup
time or power budget.
By adjusting the inactivity time (tINACTIVE), the time between two tag detection RF bursts, the
power consumption can be modified through the WuPeriod parameter in the Idle command
(usually set to
0x20).
tINACTIVE = (WuPeriod+1)*tREF
The user can choose to limit number of tag detection trials by adjusting the MaxSleep value.
This MaxSleep value is validated only when the correct Wakeup condition is set (Bit 0 of the
Wakeup condition register). Otherwise, the tag detection sequence is repeated continuously
until a wakeup event occurs.
A minimum duration of 3 ms must be set for the DAC and HFO setup times to obtain a good
accuracy of measure. This phase is a high consumption period, so we recommend keeping
it short. These setup times (DacStart and OscStart, respectively) are defined in the Idle
command and are both usually set to
0x60.
The RF burst length (SwingCnt) corresponds to the acquisition time necessary for the DAC.
It must be sufficient to obtain a reproducible measurement, but it means turning on the RF
driver which consumes the most energy. The SwingCnt parameter value is defined in the
Idle command and is usually set to
0x3F.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com