Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AN3960 Datasheet(PDF) 13 Page - STMicroelectronics

Part # AN3960
Description  ESD considerations for touch sensing applications
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

AN3960 Datasheet(HTML) 13 Page - STMicroelectronics

Back Button AN3960 Datasheet HTML 9Page - STMicroelectronics AN3960 Datasheet HTML 10Page - STMicroelectronics AN3960 Datasheet HTML 11Page - STMicroelectronics AN3960 Datasheet HTML 12Page - STMicroelectronics AN3960 Datasheet HTML 13Page - STMicroelectronics AN3960 Datasheet HTML 14Page - STMicroelectronics AN3960 Datasheet HTML 15Page - STMicroelectronics AN3960 Datasheet HTML 16Page - STMicroelectronics AN3960 Datasheet HTML 17Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 21 page
background image
AN3960
Protecting against ESD
Doc ID 022082 Rev 1
13/21
Figure 4.
Ground ring
3.4
Adding resistance
The most common method of external ESD protection is to add a small serial resistor in-line
between the ESD energy source and the touch sensing device pin to be protected. A
resistor as small as 50
Ω can double the ESD immunity of a CMOS device. A higher level of
protection is somewhat proportional to increased serial resistance so, higher immunity is
possible.
This method works for two reasons. First, the serial resistor works with the parasitic pin
capacitance (typically 5 to 10 pF) of the device to create a single-pole low pass filter with a
cutoff frequency below 1 GHz. This causes the serial resistor to attenuate most of an ESD
event's high-frequency energy (as much as 90 % of the rising-edge power in an HBM
discharge). Second, when the protection circuits of the device are operating normally, their
impedance is very low (in the order of tens of ohms or less). This low impedance works with
the serial resistor to create a voltage divider, so that the high voltage from an ESD stress
can only bias the built-in protection circuits of the device with a portion of the total ESD
voltage. This attenuation is in addition to rising-edge filtering. The sum of these effects from
a simple external serial resistor dramatically improves ESD performance in a demanding
application.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com