Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PM0054 Datasheet(PDF) 21 Page - STMicroelectronics

Part # PM0054
Description  How to program STM8L and STM8AL Flash program memory and data EEPROM
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

PM0054 Datasheet(HTML) 21 Page - STMicroelectronics

Back Button PM0054 Datasheet HTML 17Page - STMicroelectronics PM0054 Datasheet HTML 18Page - STMicroelectronics PM0054 Datasheet HTML 19Page - STMicroelectronics PM0054 Datasheet HTML 20Page - STMicroelectronics PM0054 Datasheet HTML 21Page - STMicroelectronics PM0054 Datasheet HTML 22Page - STMicroelectronics PM0054 Datasheet HTML 23Page - STMicroelectronics PM0054 Datasheet HTML 24Page - STMicroelectronics PM0054 Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 28 page
background image
PM0054
Programming STM8 Flash microcontrollers
Doc ID 15433 Rev 9
21/28
The erase/program cycle lasts longer if the word containing the byte to be programmed is
not empty because an erase operation is performed automatically. If the word is empty, the
erase operation is not performed. However, if a defined programming time is wanted, the
FIX bit in the FLASH_CR1 register forces the programming operation to always erase first
whatever the contents of the memory. Therefore a fixed programming time is guaranteed
(erase time + write time). To erase a byte location, just write ‘0x00’ to the byte location.
Caution:
A byte programming operation performs a word (4-byte) access to Flash program memory. If
a byte program operation is interrupted by reset, this word programmed in memory may be
corrupt.
5.5
Programming the option bytes
Option bytes are used to configure the device hardware features as well as the memory
protection. They are stored in a dedicated memory block.
5.5.1
Summary of memory dedicated option bytes
The Flash program memory includes several option bytes dedicated to memory protection:
ROP: The ROP option byte can prevent the Flash program memory from being read
and modified in ICP/SWIM mode. Refer to Section 4.1: Readout protection for a
detailed description of readout protection.
PCODESIZE ((not available on low density STM8L101x, medium density
STM8L05x/15x and medium density STM8AL31xx/3Lxx devices): The PCODESIZE
option byte configures the size of the proprietary code area (PCODE) which can be
used to store proprietary software libraries. The minimum size of proprietary code area
is 1 page (256 bytes) and the maximum size 255 pages. This byte can be modified only
in ICP/SWIM mode.
Refer to Section 4.2: Proprietary code area protection for a detailed description of the
PCODE area, and to Table 11: Comparison of STM8L devices for the devices featuring
PCODE area and PCODESIZE option byte.
UBC: The UBC option byte programs the size of the write-protected user boot code
area. The boot area always includes the reset and interrupt vectors and can be the full
program memory size. The boot area size granularity is one page.
Refer to Section 4.3: User boot code area protection for a detailed description of the
UBC area.
DATASIZE (available only on low density STM8L101x devices): The DATASIZE option
byte configures the size of the data EEPROM area. This option byte specifies the
number of pages starting from the end of the memory. The maximum size of the data
EEPROM area is 2 Kbytes.
Refer to Table 11: Comparison of STM8L devices for the devices featuring DATASIZE
option byte.
5.5.2
How to program the option bytes
Option bytes are stored only once.
On low density STM8L101x devices, option bytes can be modified only in ICP/SWIM mode
with OPT bit of the FLASH_CR2 register set to ‘1’ (refer to the description of FLASH_CR2
register in the reference manual).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com