Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2909 Datasheet(PDF) 14 Page - Linear Technology

Part # LTC2909
Description  Precision Triple/Dual Input UV, OV and Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2909 Datasheet(HTML) 14 Page - Linear Technology

Back Button LTC2909 Datasheet HTML 8Page - Linear Technology LTC2909 Datasheet HTML 9Page - Linear Technology LTC2909 Datasheet HTML 10Page - Linear Technology LTC2909 Datasheet HTML 11Page - Linear Technology LTC2909 Datasheet HTML 12Page - Linear Technology LTC2909 Datasheet HTML 13Page - Linear Technology LTC2909 Datasheet HTML 14Page - Linear Technology LTC2909 Datasheet HTML 15Page - Linear Technology LTC2909 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 14 / 16 page
background image
LTC2909
14
2909fb
APPLICATIO S I FOR ATIO
This imposes a practical limit of 1μF (9 second timeout) if
the length of timeout during power-up needs to be longer
than 200ms. If the power-up timeout is not important,
larger capacitors may be used, subject to the limitation
that the capacitor leakage current must not exceed 500nA,
or the function of the timer will be impaired.
⎯R⎯S⎯T Output Characteristics
The DC characteristics of the ⎯R⎯S⎯T pull-down strength
are shown in the Typical Performance Characteristics
section. ⎯R⎯S⎯T is an open-drain pin and thus requires an
external pull-up resistor to the logic supply. ⎯R⎯S⎯T may be
pulled above VCC, providing the voltage limits of the pin
are observed.
The open-drain nature of the ⎯R⎯S⎯T pin allows for wired-OR
connection of several LTC2909s to monitor more than two
supplies (see Typical Applications). Other logic with open-
drain outputs may also connect to the ⎯R⎯S⎯T line, allowing
other logic-determined conditions to issue a reset.
As noted in the discussion of power up and power down,
the circuits that drive ⎯R⎯S⎯T are powered by VCC. During a
fault condition, VCC of at least 0.5V guarantees a VOL of
0.15V at ⎯R⎯S⎯T .
VCC
ADJ1
LTC2909-2.5
REF
ADJ2
RST
SEL
RPU
10k
RN2A
1.37M
15V
5V
–5V
–15V
3.3V
2.5V
RN1A
133k
RN2B
3.09M
RN1B
107k
RP2A
1.15M
RP1A
137k
RP2B
3.09M
RP1B
115k
CTMR1
2.2nF
CTMR2
2.2nF
CBYP1
100nF
CBYP2
100nF
TMR
GND
VCC
ADJ1
LTC2909-3.3
REF
ADJ2
2909 TA02
RST
SEL
TMR
GND
SYSTEM
Six Supply Undervoltage Monitor with 2.5V Reset Output and 20ms Timeout
TYPICAL APPLICATIO S
±12V UV Monitor Powered from
12V, 20ms Timeout (1.8V Logic Out)
VCC
ADJ1
LTC2909-2.5
REF
RP1B2
681k
ADJ2
RST
SEL
TMR
M1
GND
RP1B
13.7k
RP1A
18.7k
RP2A2
169k
VUV(RISING): 43.3V
VUV(FALLING): 38.7V
VOV(RISING): 71.6V
VOV(FALLING): 70.2V
RP2A
1.43M
VIN
36V TO 72V
RP2B
1.91M
RCC
27k
0.25W
CBYP
100nF
5V
RPU
10k
2909 TA03
M1, M2: FDG6301N OR SIMILAR
IF LOADING OF RST WILL EXCEED 1nF,
A 1nF BYPASS CAPACITOR ON M1’s
DRAIN IS RECOMMENDED
M2
SYSTEM
VCC
ADJ1
LTC2909-2.5
1.8V
REF
ADJ2
RST
SEL
RN1
107k
RPU
10k
FAULT
OUTPUT
CTMR
2.2nF
2909 TA01b
RP2
1.07M
12V
–12V
RP1
49.9k
*OPTIONAL FOR ESD
MANUAL
RESET
PUSHBUTTON
CBYP
100nF
RN2
2.49M
10k*
RCC
10k
TMR
GND
48V Telecom UV/OV Monitor with Hysteresis



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com