Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC2910 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC2910
Description  Octal Positive/Negative Voltage Monitor
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC2910 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC2910 Datasheet HTML 8Page - Linear Technology LTC2910 Datasheet HTML 9Page - Linear Technology LTC2910 Datasheet HTML 10Page - Linear Technology LTC2910 Datasheet HTML 11Page - Linear Technology LTC2910 Datasheet HTML 12Page - Linear Technology LTC2910 Datasheet HTML 13Page - Linear Technology LTC2910 Datasheet HTML 14Page - Linear Technology LTC2910 Datasheet HTML 15Page - Linear Technology LTC2910 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC2910
13
2910fc
TYPICAL APPLICATIONS
Six UV and One OV/UV Supply Monitor, 10% Tolerance,
12V, 5V, 3.3V (x2), 2.5V, 1.8V, 1.2V
RA8
4.53k
RA7
1k
RA6
11k
RA5
11k
RA4
11k
RA3
11k
RA2
11k
RA1
11k
CBYP
0.1μF
16
RST
RST
GND
V8
V7
V6
V5
V4
V3
V2
V1
LTC2910
TMR
VCC
CTMR
1nF
TIMEOUT = 8.5ms
DIS
SEL
12V
5V
3.3V
2.5V
1.8V
1.2V
3.3V
2910 TA04
POWER
SUPPLIES
SYSTEM
14
11
12
13
915
87654321
RB1
226k
RB2
88.7k
RB3
54.9k
RB4
39.2k
RB5
24.9k
RB6
12.7k
RB7
27.4k
Six UV Supply Monitor Powered from 48V, 10% Tolerance,
48V, 5V, 3.3V, 2.5V, 1.8V, 1.2V
RA6
11k
RA5
11k
RA4
11k
RA3
11k
RA2
11k
RA1
11k
CBYP
0.1μF
16
RST
RST
GND
V8
V7
V6
V5
V4
V3
V2
V1
LTC2910
TMR
VCC
VCC
DIS
SEL
48V
5V
3.3V
2.5V
1.8V
1.2V
2910 TA05
POWER
SUPPLIES
SYSTEM
14
11
12
13
915
87654321
RZ
8.25k
RB1
953k
RB2
88.7k
RB3
54.9k
RB4
39.2k
RB5
24.9k
RB6
12.7k



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com