Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

KTX201 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # KTX201
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR (GENERAL PURPOSE)
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

KTX201 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  KTX201 Datasheet HTML 1Page - KEC(Korea Electronics) KTX201 Datasheet HTML 2Page - KEC(Korea Electronics) KTX201 Datasheet HTML 3Page - KEC(Korea Electronics) KTX201 Datasheet HTML 4Page - KEC(Korea Electronics) KTX201 Datasheet HTML 5Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
KTX201E
Revision No : 1
2002. 1. 24
2/5
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=60V, IE=0
-
-
0.1
Emitter Cut-off Current
IEBO
VEB=5V, IC=0
-
-
0.1
DC Current Gain
hFE (Note)
VCE=6V, IC=2
120
-
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=100 , IB=10
-
0.1
0.25
V
Transition Frequency
fT
VCE=10V, IC=1
80
-
-
Collector Output Capacitance
Cob
VCB=10V, IE=0, f=1
-
2.0
3.5
Noise Figure
NF
VCE=6V, IC=0.1 , f=1 , Rg=10
-
1.0
10
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Collector Cut-off Current
ICBO
VCB=-50V, IE=0
-
-
-0.1
Emitter Cut-off Current
IEBO
VEB=-5V, IC=0
-
-
-0.1
DC Current Gain
hFE (Note)
VCE=-6V, IC=-2
120
-
400
Collector-Emitter Saturation Voltage
VCE(SAT)
IC=-100 , IB=-10
-
-0.1
-0.3
V
Transition Frequency
fT
VCE=-10V, IC=-1
80
-
-
Collector Output Capacitance
Cob
VCB=-10V, IE=0, f=1
-
4.0
7.0
Noise Figure
NF
VCE=-6V, IC=-0.1 , f=1 , Rg=10
-
1.0
10
Q1 ELECTRICAL CHARACTERISTICS (Ta=25 )
Q2 ELECTRICAL CHARACTERISTICS (Ta=25 )
Note)hFE Classification : Y(4)120~240, GR(6)200~400
Note)hFE Classification : Y(4)120~240, GR(6)200~400



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com