Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AL-12R6R0CWC-A2X Datasheet(PDF) 1 Page - A-BRIGHT Inc

Part # AL-12R6R0CWC-A2X
Description  All dimensions are in millimeters
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  A-BRIGHT [A-BRIGHT Inc]
Direct Link  http://www.a-bright.com.tw
Logo A-BRIGHT - A-BRIGHT Inc

AL-12R6R0CWC-A2X Datasheet(HTML) 1 Page - A-BRIGHT Inc

  AL-12R6R0CWC-A2X_15 Datasheet HTML 1Page - A-BRIGHT Inc AL-12R6R0CWC-A2X_15 Datasheet HTML 2Page - A-BRIGHT Inc AL-12R6R0CWC-A2X_15 Datasheet HTML 3Page - A-BRIGHT Inc AL-12R6R0CWC-A2X_15 Datasheet HTML 4Page - A-BRIGHT Inc AL-12R6R0CWC-A2X_15 Datasheet HTML 5Page - A-BRIGHT Inc AL-12R6R0CWC-A2X_15 Datasheet HTML 6Page - A-BRIGHT Inc  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
A
A
A---B
B
BR
R
RIIIG
G
GH
H
HT
TT A-BRIGHT INDUSTRIAL CO., LTD.
Part No.
AL-12R6R0CWC-A2X
Spec No.
Page
1 of 6
+
+
+
_
+
_
+
_
+
+
_
V-
_
_
_
_
+
_
+
V+
+
_
_
+
_
+
Package Dimension:
Part NO.
Housing
Emitting Color
Lens Color
AL-12R6R0CWC-A2X
----
Orange-Red
Water Clear
Notes:
1. All dimensions are in millimeters (inches).
2. Tolerance is ±0.25mm (.010”) unless otherwise noted.
3. Protruded resin under flange is 1.0mm(.04”) max.
4. Lead spacing is measured where the leads emerge from the package.
5.
Specifications are subject to change without notice.
6.
This data-sheet only valid for six months.


Similar Part No. - AL-12R6R0CWC-A2X_15

ManufacturerPart #DatasheetDescription
logo
A-BRIGHT Inc
AL-12R6R0CWC-A2X A-BRIGHT-AL-12R6R0CWC-A2X Datasheet
252Kb / 6P
All dimensions are in millimeters
More results

Similar Description - AL-12R6R0CWC-A2X_15

ManufacturerPart #DatasheetDescription
logo
PUI audio inc.
SMT-0824-TW-5V-R PUIAUDIO-SMT-0824-TW-5V-R Datasheet
156Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-7-R PUIAUDIO-SMT-0927-S-7-R Datasheet
259Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0927-S-11-R PUIAUDIO-SMT-0927-S-11-R Datasheet
269Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-0940-T-3V-R PUIAUDIO-SMT-0940-T-3V-R Datasheet
332Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1220-TW-R PUIAUDIO-SMT-1220-TW-R Datasheet
253Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
SMT-1324-TW-1V-R PUIAUDIO-SMT-1324-TW-1V-R Datasheet
159Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-LW100-R PUIAUDIO-TOM-1545L-LW100-R Datasheet
264Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
TOM-1545L-R PUIAUDIO-TOM-1545L-R Datasheet
193Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
UR-1640K-TT-2-R PUIAUDIO-UR-1640K-TT-2-R Datasheet
275Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
X-2629-TWT-R PUIAUDIO-X-2629-TWT-R Datasheet
210Kb / 1P
ALL DIMENSIONS ARE IN MILLIMETERS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com