Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16705 Datasheet(PDF) 9 Page - Renesas Technology Corp

Part # PD16705
Description  263/256-OUTPUT TFT-LCD GATE DRIVER
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16705 Datasheet(HTML) 9 Page - Renesas Technology Corp

Back Button PD16705_15 Datasheet HTML 5Page - Renesas Technology Corp PD16705_15 Datasheet HTML 6Page - Renesas Technology Corp PD16705_15 Datasheet HTML 7Page - Renesas Technology Corp PD16705_15 Datasheet HTML 8Page - Renesas Technology Corp PD16705_15 Datasheet HTML 9Page - Renesas Technology Corp PD16705_15 Datasheet HTML 10Page - Renesas Technology Corp PD16705_15 Datasheet HTML 11Page - Renesas Technology Corp PD16705_15 Datasheet HTML 12Page - Renesas Technology Corp PD16705_15 Datasheet HTML 13Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Data Sheet S15818EJ1V0DS
7
µµµµPD16705
6. ELECTRICAL SPECIFICATIONS
Absolute Maximum Ratings (TA = 25
°°°°C, VSS = 0 V)
Parameter
Symbol
Rating
Unit
Logic Supply Voltage
VDD1
−0.5 to +7.0
V
Driver Positive Supply Voltage
VDD2
−0.5 to +28
V
Power Supply Voltage
VDD2-VEE
−0.5 to +42
V
Internal Operation Negative Supply Voltage
VEE
−16 to +0.5
V
Input Voltage
VI
−0.5 to VDD1 +0.5
V
Operating Ambient Temperature
TA
−20 to +75
°C
Storage Temperature
Tstg
−55 to +125
°C
Caution Product qualify may suffer if the absolute maximum rating is exceeded even momentarily for any
parameter. That is, the absolute maximum ratings are rated values at which the product is on the
verge of suffering physical damage, and therefore the product must be used under conditions that
ensure that the absolute maximum ratings are not exceeded.
Recommended Operating Range (TA =
−−−−20 to +75°C, VSS = 0 V)
Parameter
Symbol
MIN.
TYP.
MAX.
Unit
Logic Supply Voltage
VDD1
2.3
3.3
3.6
V
Driver Positive Supply Voltage
VDD2
15
23
25
V
Internal Operation Negative Supply Voltage
VEE
−15
−10
−5.0
V
Power Supply Voltage
VDD2-VEE
20
33
40
V
Clock Frequency
fCLK
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com