Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD16707 Datasheet(PDF) 21 Page - Renesas Technology Corp

Part # PD16707
Description  263/256-OUTPUT TFT-LCD GATE DRIVER
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD16707 Datasheet(HTML) 21 Page - Renesas Technology Corp

Back Button PD16707_15 Datasheet HTML 15Page - Renesas Technology Corp PD16707_15 Datasheet HTML 16Page - Renesas Technology Corp PD16707_15 Datasheet HTML 17Page - Renesas Technology Corp PD16707_15 Datasheet HTML 18Page - Renesas Technology Corp PD16707_15 Datasheet HTML 19Page - Renesas Technology Corp PD16707_15 Datasheet HTML 20Page - Renesas Technology Corp PD16707_15 Datasheet HTML 21Page - Renesas Technology Corp PD16707_15 Datasheet HTML 22Page - Renesas Technology Corp PD16707_15 Datasheet HTML 23Page - Renesas Technology Corp  
Zoom Inzoom in Zoom Outzoom out
 21 / 23 page
background image
Data Sheet S16411EJ1V0DS
19
µµµµ PD16707
7. RECOMMENDED MOUNTING CONDITIONS
The
µ PD16707 should be soldered and mounted under the following recommended conditions.
For details of the recommended soldering conditions, refer to the document Semiconductor Device Mounting
Technology Manual (C10535E).
For soldering methods and conditions other than those recommended below, contact an NEC sales representative.
Recommended Soldering Conditions for Surface Mounting Soldering Conditions.
µµµµ PD16707N-xxx: TCP (TAB Package)
Mounting Condition
Mounting Method
Condition
Thermocompression
Soldering
Heating tool 300 to 350
°C, heating for 2 to 3 seconds : pressure 100g
(per solder)
ACF
(Adhesive
Conductive Film)
Temporary bonding 70 to 100
°C: pressure 3 to 8 kg/cm2: time 3 to 5 sec.
Real bonding 165 to 180
°C: pressure 25 to 45 kg/cm2: time 30 to 40 sec.
(When using the anisotropy conductive film SUMIZAC1003 of
Sumitomo Bakelite,Ltd).
Caution
To find out the detailed conditions for mounting the ACF part, please contact the ACF
manufacturing company. Be sure to avoid using two or more mounting methods at a time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com