Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3210 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3210
Description  MAIN/CAM LED Controller in 3mm 3mm QFN
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3210 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3210 Datasheet HTML 8Page - Linear Technology LTC3210 Datasheet HTML 9Page - Linear Technology LTC3210 Datasheet HTML 10Page - Linear Technology LTC3210 Datasheet HTML 11Page - Linear Technology LTC3210 Datasheet HTML 12Page - Linear Technology LTC3210 Datasheet HTML 13Page - Linear Technology LTC3210 Datasheet HTML 14Page - Linear Technology LTC3210 Datasheet HTML 15Page - Linear Technology LTC3210 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3210

3210fb
• The flying capacitors must be placed close to the part.
The traces from the pins to the capacitor pad should
be as wide as possible.
• VBAT, CPO traces must be wide to minimize inductance
and handle high currents.
• LED pads must be large and connected to other layers
of metal to ensure proper heat sinking.
• RM and RC pins are sensitive to noise and capacitance.
The resistors should be placed near the part with mini-
mum line width.
Power Efficiency
To calculate the power efficiency (
η) of a white LED
driver chip, the LED power should be compared to the
input power. The difference between these two numbers
represents lost power whether it is in the charge pump
or the current sources. Stated mathematically, the power
efficiency is given by:
η =
P
P
LED
IN
The efficiency of the LTC3210 depends upon the mode in
which it is operating. Recall that the LTC3210 operates
as a pass switch, connecting VBAT to CPO, until dropout
is detected at the LED pin. This feature provides the op-
timum efficiency available for a given input voltage and
LED forward voltage. When it is operating as a switch, the
efficiency is approximated by:
η =
=
=
P
P
V
I
V
I
V
V
LED
IN
LED LED
BAT BAT
LED
BAT
(
•
)
(
•
)
since the input current will be very close to the sum of
the LED currents.
At moderate to high output power, the quiescent current
of the LTC3210 is negligible and the expression above is
valid.
Once dropout is detected at any LED pin, the LTC3210
enables the charge pump in 1.5x mode.
In 1.5x boost mode, the efficiency is similar to that of a
linear regulator with an effective input voltage of 1.5 times
the actual input voltage. This is because the input current
for a 1.5x charge pump is approximately 1.5 times the
load current. In an ideal 1.5x charge pump, the power
efficiency would be given by:
ηIDEAL
LED
IN
LED LED
BAT
LED
LED
BAT
P
P
V
I
V
I
V
V
=
=
=
(
•
)
(
• ( . )•
) ( . •
)
1 5
1 5
Similarly, in 2x boost mode, the efficiency is similar to
that of a linear regulator with an effective input voltage
of 2 times the actual input voltage. In an ideal 2x charge
pump, the power efficiency would be given by:
ηIDEAL
LED
IN
LED LED
BAT
LED
LED
BAT
P
P
V
I
V
I
V
V
=
=
=
(
•
)
(
• ( )•
) ( •
)
2
2
Thermal Management
For higher input voltages and maximum output current,
there can be substantial power dissipation in the LTC3210.
Ifthejunctiontemperatureincreasesaboveapproximately
150°C the thermal shut down circuitry will automatically
deactivate the output current sources and charge pump.
To reduce maximum junction temperature, a good thermal
connection to the PC board is recommended. Connecting
the Exposed Pad to a ground plane and maintaining a solid
ground plane under the device will reduce the thermal
resistance of the package and PC board considerably.
applications inFormation



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com