Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MJD112 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MJD112
Description  EPITAXIAL PLANAR NPN TRANSISTOR (MONOLITHIC CONSTRUCTION WITH BUILT IN BASE-EMITTER SHUNT RESISTORS INDUSTRIAL USE.)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MJD112 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MJD112 Datasheet HTML 1Page - KEC(Korea Electronics) MJD112 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
2003. 3. 27
2/2
MJD112/L
Revision No : 4
COLLECTOR CURRENT I
(A)
C
V
,V
- I
h
- I
C
COLLECTOR CURRENT I
(A)
0.01
0.03
0.1
0.3
P - Ta
C
CASE TEMPERATURE Ta ( C)
0
0
50
100
150
200
5
10
15
20
25
FE
C
13
5
100
300
500
1k
3k
5k
10k
V =3V
CE
CE(sat)
C
0.1
0.5
0.3
0.03
0.01
0.1
1
3
0.3
1
3 5
10
I /I =250
5
C
VBE(sat)
VCE(sat)
B
BE(sat)
100
10
200
50
30
3
1
COLLECTOR-BASE VOLTAGE V
(V)
CB
CB
ob
C
- V
510
30
50
f=0.1MHz
COLLECTOR-EMITTER VOLTAGE V
(V)
SAFE OPERATING AREA
1
0.01
CE
3
10
30
100
200
0.03
0.05
0.1
0.3
0.5
1
3
5
10
SINGLE NONREPETIVE
PULSE Tc=25 C
CURVES MUST BE DREATED
LINEARLY WITH INCREASE
IN TEMPERATURE
*
I MAX.(PULSED) *
C
I MAX.
(CONTINUOUS)
C
DC OPERATION
100
µS*
1mS*
5mS*
Tc=25 C
Tc=25 C
Ta=25 C
1
2
1
2



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com