Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PD62 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # PD62
Description  4-BIT SINGLE-CHIP MICROCONTROLLER FOR INFRARED REMOTE CONTROL TRANSMISSION
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

PD62 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button PD62_15 Datasheet HTML 35Page - Renesas Technology Corp PD62_15 Datasheet HTML 36Page - Renesas Technology Corp PD62_15 Datasheet HTML 37Page - Renesas Technology Corp PD62_15 Datasheet HTML 38Page - Renesas Technology Corp PD62_15 Datasheet HTML 39Page - Renesas Technology Corp PD62_15 Datasheet HTML 40Page - Renesas Technology Corp PD62_15 Datasheet HTML 41Page - Renesas Technology Corp PD62_15 Datasheet HTML 42Page - Renesas Technology Corp PD62_15 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 66 page
background image
37
µPD62
Data Sheet U14208EJ1V0DS00
ORL A, R0n
ORL A, R1n
<1> Instruction code
: 1 110 R4 0R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) ∨ (Rmn) m = 0, 1 n = 0 to F
CY
← 0
The accumulator contents and the register Rmn contents are ORed and the results are entered in the
accumulator.
ORL A, @R0H
ORL A, @R0L
<1> Instruction code
: 1 110 0/1 1000 0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) ∨ (P13), (R0))7-4 (in the case of ORL A, @R0H)
(A)
← (A) ∨ (P13), (R0))3-0 (in the case of ORL A, @R0L)
CY
← 0
The accumulator contents and the program memory contents specified with the control register P13 and
register pair R10-R00 are ORed and the results are entered in the accumulator.
If H is specified, b7, b6, b5 and b4 take effect. If L is specified, b3, b2, b1 and b0 take effect.
ORL A, #data4
<1> Instruction code
: 1 11011000 1
0 00000 d3 d2 d1 d0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) ∨ data4
CY
← 0
The accumulator contents and the immediate data are exclusive-ORed and the results are entered in
the accumulator.
XRL A, R0n
XRL A, R1n
<1> Instruction code
: 1 010 R4 0R3 R2 R1R0
<2> Cycle count
: 1
<3> Function
: (A)
← (A) ∨ (Rmn) m = 0, 1 n = 0 to F
CY
← A3 • Rmn3
The accumulator contents and the register Rmn contents are ORed and the results are entered in the
accumulator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com