Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # BAS19
Description  Three Terminals SMD Switching Diodes
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS19 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  BAS19 Datasheet HTML 1Page - TAITRON Components Incorporated BAS19 Datasheet HTML 2Page - TAITRON Components Incorporated BAS19 Datasheet HTML 3Page - TAITRON Components Incorporated BAS19 Datasheet HTML 4Page - TAITRON Components Incorporated BAS19 Datasheet HTML 5Page - TAITRON Components Incorporated BAS19 Datasheet HTML 6Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
Three Terminals SMD Switching
Rev. A/AH
BAS19/BAS20/BAS21
www.taitroncomponents.com
Page 2 of 6
Fig.1- Power Derating Curve
Ambient Temperature (°C)
Fig.2- Typical Forward Characteristics
Forward Voltage (V)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS19
BAS20
BAS21
Unit
Conditions
VF
Forward Voltage
1.0
V
IF=0.1A
IR
DC Reverse Current at Rated
DC Blocking Voltage
0.1
µA
TJ=25° C
CT
Total Capacitance
5.0
pF
VR=0V, f=1.0MHz
Trr
Reverse Recovery Time
50
nS
From IF=10mA to
IR=1mA, VR=6V
RL=100Ω
Typical Characteristics Curves



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com