Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS19WS Datasheet(PDF) 1 Page - TAITRON Components Incorporated

Part # BAS19WS
Description  Three Terminals Surface Mount Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS19WS Datasheet(HTML) 1 Page - TAITRON Components Incorporated

  BAS19WS Datasheet HTML 1Page - TAITRON Components Incorporated BAS19WS Datasheet HTML 2Page - TAITRON Components Incorporated BAS19WS Datasheet HTML 3Page - TAITRON Components Incorporated BAS19WS Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Rev. A/AH 2009-01-09
BAS19WS/BAS21WS
Three Terminals
SMD Switching Diode
TAITRON COMPONENTS INCORPORATED www.taitroncomponents.com
Page 1 of 4
Tel: (800)-TAITRON
(800)-824-8766
(661)-257-6060
Fax: (800)-TAITFAX
(800)-824-8329
(661)-257-6415
Three Terminals Surface Mount Switching Diode
Features
• Fast switching speed
• Surface mount package ideally suited for automatic insertion
• Electrically identical to standard JEDEC
• High conductance
• RoHS Compliant
Mechanical Data
Case:
SOT-323, Plastic Case
Terminals:
Solderable per MIL-STD-202, Method 208
Weight:
Approx. 0.0052 gram
Maximum Ratings & Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
BAS19WS
BAS21WS
Unit
Conditions
Marking Code
A8
A82
VR
Reverse Voltage
100
200
V
VRRM
Peak Reverse Voltage
120
250
V
IF(AV)
Average Forward Current
200
mA
Half wave rectification
with resistive load and
f≥50Hz
IFSM
Peak Forward Surge Current, Pulse
Width=1.0µs
2.5
A
PD
Power Dissipation above 25°C
200
mW
VF
Forward Voltage
1.0
V
IF=100mA
IR
Max. Reverse Current
0.1
µA
TJ=25° C
CD
Diode Capacitance
5.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
50
nS
IF=10mA , IR=1mA,
VR=6V,RL=100Ω
RthJA
Maximum Thermal Resistance, Junction to
Ambient
625
°C / W
TJ,TSTG
Operating Junction and Storage Temperature
Range
-55 to +150
° C
SOT-323


Similar Part No. - BAS19WS

ManufacturerPart #DatasheetDescription
logo
Won-Top Electronics
BAS19WS WTE-BAS19WS Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
logo
Nanjing International G...
BAS19WS DGNJDZ-BAS19WS Datasheet
502Kb / 1P
Fast Switching Speed
logo
Won-Top Electronics
BAS19WS-T1 WTE-BAS19WS-T1 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
BAS19WS-T3 WTE-BAS19WS-T3 Datasheet
42Kb / 3P
SURFACE MOUNT FAST SWITCHING DIODE
More results

Similar Description - BAS19WS

ManufacturerPart #DatasheetDescription
logo
TAITRON Components Inco...
BAS16 TAITRON-BAS16 Datasheet
184Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
173Kb / 4P
Three Terminals SMD Switching Diode
BAV70 TAITRON-BAV70 Datasheet
212Kb / 5P
Three Terminals SMD Switching Diode
MMBD914 TAITRON-MMBD914 Datasheet
274Kb / 5P
Three Terminals SMD Switching Diode
BAS16 TAITRON-BAS16 Datasheet
190Kb / 5P
Three Terminals SMD Switching Diode
BAS16WS TAITRON-BAS16WS Datasheet
179Kb / 4P
Three Terminals Surface Mount Switching Diode
BAS16WT TAITRON-BAS16WT Datasheet
233Kb / 4P
Three Terminals Surface Mount Switching Diode
BAV99-226 TAITRON-BAV99-226 Datasheet
200Kb / 7P
Three Terminals SMD Switching Diode
BAW56 TAITRON-BAW56 Datasheet
242Kb / 6P
Three Terminals SMD Switching Diode
BAW56WS TAITRON-BAW56WS Datasheet
323Kb / 6P
Three Terminals SMD Switching Diode
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com