Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BAS116 Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # BAS116
Description  Three Terminals SMD Low Leakage Switching Diode
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

BAS116 Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  BAS116 Datasheet HTML 1Page - TAITRON Components Incorporated BAS116 Datasheet HTML 2Page - TAITRON Components Incorporated BAS116 Datasheet HTML 3Page - TAITRON Components Incorporated BAS116 Datasheet HTML 4Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Three Terminals SMD Low Leakage Switching Diode
Rev. B/CH
BAS116/BAW156/BAV170/BAV199
www.taitroncomponents.com
Page 2 of 4
Fig.2- Reverse Characteristics
Junction Temperature (° C)
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
Min.
Typ.
Max.
Unit
Conditions
VR
Reverse Breakdown Voltage
75
-
-
V
IR=100μA
0.9
IF=1.0mA
1.0
IF=10mA
1.1
IF=50mA
VF
Forward Voltage
-
-
1.25
V
IF=150mA
0.002
5
VR=75V
IR
Reverse Current
-
8.0
80
nA
VR=75V, TJ=150° C
CT
Total Capacitance
-
-
2.0
pF
VR=0V, f=1MHz
Trr
Reverse Recovery Time
-
-
3.0
µS
IF=IR=10mA,
RL=100Ω
Typical Characteristics Curves
Fig.1- Instantaneous Forward Characteristics
Instantaneous Forward Voltage (V)



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com