Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC3406AB-2 Datasheet(PDF) 13 Page - Linear Technology

Part # LTC3406AB-2
Description  2.25MHz, 600mA Synchronous Step-Down Regulator in ThinSOT
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC3406AB-2 Datasheet(HTML) 13 Page - Linear Technology

Back Button LTC3406AB-2 Datasheet HTML 8Page - Linear Technology LTC3406AB-2 Datasheet HTML 9Page - Linear Technology LTC3406AB-2 Datasheet HTML 10Page - Linear Technology LTC3406AB-2 Datasheet HTML 11Page - Linear Technology LTC3406AB-2 Datasheet HTML 12Page - Linear Technology LTC3406AB-2 Datasheet HTML 13Page - Linear Technology LTC3406AB-2 Datasheet HTML 14Page - Linear Technology LTC3406AB-2 Datasheet HTML 15Page - Linear Technology LTC3406AB-2 Datasheet HTML 16Page - Linear Technology  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
LTC3406AB-2
13
3406ab2f
APPLICATIONS INFORMATION
For the feedback resistors, choose R1 = 309k. R2 can
then be calculated from Equation (2) to be:
R
V
Rk
OUT
2
06
11 978
=−
⎛
⎝⎜
⎞
⎠⎟
=
.
Use a 976k 1% resistor.
Figure 5 shows the complete circuit along with its ef-
ficiency curve.
Figure 5a
Figure 5b. Efficiency vs Load Current
VIN
CIN
†
4.7
µF
CER
VIN
LTC3406AB-2
RUN
2.2
µH*
22pF
976k
309k
3406AB2 F05a
SW
VFB
GND
COUT**
10
µF
CER
VOUT
2.5V
600mA
* MURATA LQH32CN2R2M33
** TAIYO YUDEN JMK316BJ106ML
† TAIYO YUDEN JMK212BJ475MG
OUTPUT CURRENT (mA)
30
90
100
20
10
80
50
70
60
40
0.1
10
100
1000
3406AB2 F05b
0
1
VOUT = 2.5V
VIN = 2.7V
VIN = 3.6V
VIN = 4.2V
Load Step
Load Step
Load Step
Load Step
VOUT
200mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VOUT = 2.5V
ILOAD = 0mA TO 600mA
3406AB2 TA02
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VOUT = 2.5V
ILOAD = 50mA TO 600mA
3406AB2 TA03
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VOUT = 2.5V
ILOAD = 100mA TO 600mA
3406AB2 TA04
VOUT
100mV/DIV
IL
500mA/DIV
ILOAD
500mA/DIV
20
µs/DIV
VIN = 3.6V
VOUT = 2.5V
ILOAD = 200mA TO 600mA
3406AB2 TA05



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com