Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TN0280 Datasheet(PDF) 5 Page - STMicroelectronics

Part # TN0280
Description  Migrating from the LRI2K to the LRI1K RFID IC
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TN0280 Datasheet(HTML) 5 Page - STMicroelectronics

  TN0280 Datasheet HTML 1Page - STMicroelectronics TN0280 Datasheet HTML 2Page - STMicroelectronics TN0280 Datasheet HTML 3Page - STMicroelectronics TN0280 Datasheet HTML 4Page - STMicroelectronics TN0280 Datasheet HTML 5Page - STMicroelectronics TN0280 Datasheet HTML 6Page - STMicroelectronics TN0280 Datasheet HTML 7Page - STMicroelectronics TN0280 Datasheet HTML 8Page - STMicroelectronics TN0280 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
TN0280
Built-in tuning capacitor
Doc ID 17392 Rev 1
5/12
2
Built-in tuning capacitor
Table 2 summarizes the built in tuning capacitor value available for LRI2K and LRI1K.
Customers using LRI2K in 21pF version can use LRI1K as a direct replacement without
needing to retune their antenna.
For customers using any other LRI2K tuning capacitor version, a redesign of the antenna
will be necessary to restore the desired tuning frequency.
Table 2.
Internal tuning capacitor
Parameter
LRI2K
LRI1K
Internal tuning capacitor value
21 pF, 23.5 pF, 28.5 pF or 97 pF
21 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com