Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LTC6907 Datasheet(PDF) 6 Page - Linear Technology

Part # LTC6907
Description  Micropower, 40kHz to 4MHz Resistor Set Oscillator in SOT-23
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC6907 Datasheet(HTML) 6 Page - Linear Technology

Back Button LTC6907 Datasheet HTML 2Page - Linear Technology LTC6907 Datasheet HTML 3Page - Linear Technology LTC6907 Datasheet HTML 4Page - Linear Technology LTC6907 Datasheet HTML 5Page - Linear Technology LTC6907 Datasheet HTML 6Page - Linear Technology LTC6907 Datasheet HTML 7Page - Linear Technology LTC6907 Datasheet HTML 8Page - Linear Technology LTC6907 Datasheet HTML 9Page - Linear Technology LTC6907 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
6
LTC6907
6907fa
6
V+
1
OUT
150
Ω
fOUT
2
GND
6907 F06
6
V+
3
DIV
5M
5M
2
GND
6907 F05
6
V+
5
GRD
200
Ω
TOTAL OUTPUT
RESISTANCE
2
GND
6907 F04
6
V+
4
SET
1k
2
GND
6907 F03
6
V+
20
Ω
800pF
2
GND
6907 F02
Figure 1. Test Circuit with 5pF Effective Load
EQUIVALENT CIRCUIT OF
OSCILLOSCOPE OR
FREQUENCY COUNTER PROBE
CTEST
CPROBE
RSET
0.01%
10ppm/
°C
CTEST = 1/(1/5pF – 1/CPROBE)
= 7.5pF FOR A 15pF SCOPE PROBE
RPROBE
10M
SUPPLY
VOLTAGE
6907 F01
0.1
µF
V+
GND
DIV
OUT
GRD
SET
LTC6907
TEST CIRCUIT
EQUIVALE T I PUT A D OUTPUT CIRCUITS
Figure 2. V+ Pin
Figure 3. SET Pin
Figure 4. GRD Pin
Figure 5. DIV Pin
Figure 6. OUT Pin



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com