Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TWD400WT Datasheet(PDF) 2 Page - TAITRON Components Incorporated

Part # TWD400WT
Description  Two Terminals SMD Switching Diode
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TAITRON [TAITRON Components Incorporated]
Direct Link  http://www.taitroncomponents.com
Logo TAITRON - TAITRON Components Incorporated

TWD400WT Datasheet(HTML) 2 Page - TAITRON Components Incorporated

  TWD400WT Datasheet HTML 1Page - TAITRON Components Incorporated TWD400WT Datasheet HTML 2Page - TAITRON Components Incorporated TWD400WT Datasheet HTML 3Page - TAITRON Components Incorporated TWD400WT Datasheet HTML 4Page - TAITRON Components Incorporated TWD400WT Datasheet HTML 5Page - TAITRON Components Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
Two Terminals SMD Switching Diode
Rev. B/AH
TWD400WT
www.taitroncomponents.com
Page 2 of 5
Electrical Characteristics (T Ambient=25ºC unless noted otherwise)
Symbol
Description
TYP.
MAX.
Unit
Conditions
VF
Forward Voltage (Note 2)
-
1.2
V
IF=100mA
IR
Reverse Leakage Current
-
0.1
µA
VR=80V
CT
Junction Capacitance
3
-
pF
0Vdc Bias, f=1MHz
Trr
Reverse Recovery Time
-
4.0
nS
IF=10mA, IR=10mA,
RL=100Ω measured
at
IRrec=1mA
Note 2: Short duration pulse test to avoid self-heating effect
Typical Characteristics Curves
Fig.1- Typical Forward Characteristics
Forward Voltage, VF (V)
Fig.2- Typical Reverse Characteristics
Reverse Voltage, VR (V)



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com