Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPS8050 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPS8050
Description  EPITAXIAL PLANAR NPN TRANSISTOR (HIGH CURRENT)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPS8050 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPS8050 Datasheet HTML 1Page - KEC(Korea Electronics) MPS8050 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 10. 25
2/2
MPS8050
Revision No : 1
f
- I
C
COLLECTOR CURRENT I
(mA)
1
3
10
100
10
0
0
COLLECTOR-EMITTER VOLTAGE V
(V)
CE
CE
C
I
- V
0.4
0.8
1.2
1.6
2.0
0.1
0.2
0.3
0.4
0.5
I =3.0mA
B
T
C
300
30
30
50
100
300
V
=10V
CE
I =2.5mA
B
I =2.0mA
B
I =1.5mA
B
I =1.0mA
B
I =0.5mA
B
100
1
COLLECTOR CURRENT I
(mA)
0.1
10
30
50
0.3
10
330
C
100
1k
300
500
h
- I
FE
C
V
=1V
CE
300
1K
0.1
BASE-EMITTER VOLTAGE V
(V)
BE
I
- V
CBE
0
0.2
0.4
0.6
0.8
1.0
1.2
0.3
1
3
10
30
100
0.5
5
50
V
=1V
CE
COLLECTOR CURRENT I
(mA)
C
V
V
- I
BE(sat),
CE(sat)
C
I =10I
0.1
10
30
100
50
300
0.3
1
3
10
30
100
1k
500
300
1K
C
3k
5k
V
(sat)
CE
BE
V
(sat)
B
550
1
5
10
50
100
10
1
5
50
f=1MHz
E
I =0
COLLECTOR-BASE VOLTAGE V
(V)
CB
C
- V
ob
CB
3
30
33
0



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com