Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA13 Datasheet(PDF) 1 Page - KEC(Korea Electronics)

Part # MPSA13
Description  EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA13 Datasheet(HTML) 1 Page - KEC(Korea Electronics)

  MPSA13 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA13 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2000. 2. 26
1/2
SEMICONDUCTOR
TECHNICAL DATA
MPSA13/14
EPITAXIAL PLANAR NPN TRANSISTOR
Revision No : 3
GENERAL PURPOSE APPLICATIONS.
DARLINGTON TRANSISTOR.
MAXIMUM RATING (Ta=25 )
TO-92
DIM
MILLIMETERS
A
B
C
D
F
G
H
J
K
L
4.70 MAX
4.80 MAX
3.70 MAX
0.45
1.00
1.27
0.85
0.45
14.00 0.50
0.55 MAX
2.30
D
1
2
3
B
K
G
H
F
F
E
C
E
N
0.45 MAX
M
1.00
N
1. EMITTER
3. COLLECTOR
2. BASE
+_
ELECTRICAL CHARACTERISTICS (Ta=25 )
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Collector-Emitter Breakdown Voltage
VCES
IC=0.1mA
30
-
-
V
Emitter Cut-off Current
ICBO
VCB=30V
-
-
100
nA
Emitter Cut-off Current
IEBO
VEB=10V
-
-
100
nA
DC Current Gain
MPSA13
hFE
IC=10mA, VCE=5V
5,000
-
-
-
MPSA14
10,000
-
-
MPSA13
IC=100mA, VCE=5V
10,000
-
-
MPSA14
20,000
-
-
Collector-Emitter Saturation Voltage
VCE(sat)
IC=100mA, IB=0.1mA
-
-
1.5
V
Base-Emitter Voltage
VBE
IC=100mA, VCE=5V
-
-
2.0
V
Current Gain Bandwith Product
fT
IC=10mA, f=100MHz, VCE=5V
125
-
-
MHz
CHARACTERISTIC
SYMBOL
RATING
UNIT
Collector-Base Voltage
VCBO
30
V
Collector-Emitter Voltage
VCES
30
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
500
mA
Collector Power Dissipation
PC
625
mW
Junction Temperature
Tj
150
Storage Temperature Range
Tstg
-55 150


Similar Part No. - MPSA13

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MPSA13 MOTOROLA-MPSA13 Datasheet
225Kb / 6P
Darlington Transistors
logo
ON Semiconductor
MPSA13 ONSEMI-MPSA13 Datasheet
72Kb / 6P
Darlington Transistors NPN Silicon
June, 2005 ??Rev. 3
logo
Transys Electronics
MPSA13 TRSYS-MPSA13 Datasheet
124Kb / 1P
NPN DARLINGTON TRANSISTOR
logo
Fairchild Semiconductor
MPSA13 FAIRCHILD-MPSA13 Datasheet
605Kb / 13P
NPN Darlington Transistor
logo
Micro Commercial Compon...
MPSA13 MCC-MPSA13 Datasheet
433Kb / 4P
NPN Silicon Darlington Transistor
More results

Similar Description - MPSA13

ManufacturerPart #DatasheetDescription
logo
KEC(Korea Electronics)
BC517 KEC-BC517 Datasheet
181Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR)
KTD1411 KEC-KTD1411 Datasheet
384Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
KTD2424 KEC-KTD2424 Datasheet
113Kb / 1P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE DARLINGTON)
MMBTA13 KEC-MMBTA13 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE, DARLINGTON TRANSISTOR)
MMBTA517 KEC-MMBTA517 Datasheet
189Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (GENERAL PURPOSE HIGH DARLINGTON TRANSISTOR)
MPSA27 KEC-MPSA27 Datasheet
65Kb / 2P
EPITAXIAL PLANAR NPN TRANSISTOR (DARLINGTON TRANSISTOR)
MPSA62 KEC-MPSA62 Datasheet
66Kb / 2P
EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
logo
Cystech Electonics Corp...
BTC3906L3 CYSTEKEC-BTC3906L3_06 Datasheet
200Kb / 5P
General Purpose NPN Epitaxial Planar Transistor
BTN13003T3 CYSTEKEC-BTN13003T3 Datasheet
263Kb / 7P
General Purpose NPN Epitaxial Planar Transistor
BC857N3 CYSTEKEC-BC857N3 Datasheet
346Kb / 8P
General Purpose NPN Epitaxial Planar Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com