Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1166 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1166
Description  Power Output Stage Automatic Bias System
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1166 Datasheet(HTML) 2 Page - Linear Technology

  LT1166_15 Datasheet HTML 1Page - Linear Technology LT1166_15 Datasheet HTML 2Page - Linear Technology LT1166_15 Datasheet HTML 3Page - Linear Technology LT1166_15 Datasheet HTML 4Page - Linear Technology LT1166_15 Datasheet HTML 5Page - Linear Technology LT1166_15 Datasheet HTML 6Page - Linear Technology LT1166_15 Datasheet HTML 7Page - Linear Technology LT1166_15 Datasheet HTML 8Page - Linear Technology LT1166_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
2
LT1166
ABSOLUTE MAXIMUM RATINGS
PACKAGE/ORDER INFORMATION
ORDER PART
NUMBER
Supply Current (Pin 1 or Pin 4) ............................ 75mA
Differential Voltage (Pin 2 to Pin 3) .........................
±6V
Output Short-Circuit Duration (Note 1) ......... Continuous
Specified Temperature Range (Note 2) ........ 0
°C to 70°C
Operating Temperature Range ................ – 40
°C to 85°C
Storage Temperature Range ................. – 65
°C to 150°C
Junction Temperature (Note 3) ............................ 150
°C
Lead Temperature (Soldering, 10 sec).................. 300
°C
S8 PART MARKING
1166
TJMAX = 150°C, θJA = 100°C/ W (N8)
TJMAX = 150°C, θJA = 150°C/ W (S8)
Consult factory for Industrial and Military grade parts.
ELECTRICAL CHARACTERISTICS
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Output Offset Voltage
Operating Current 15mA to 50mA
q
50
250
mV
Input Bias Current
Operating Current 15mA to 50mA (Note 4)
q
210
µA
Input Resistance
Operating Current 15mA to 50mA (Note 5)
q
215
M
Ω
VAB (Top)
Measure Pin 8 to Pin 3, No Load
14
20
26
mV
VAB (Bottom)
Measure Pin 5 to Pin 3, No Load
– 14
– 20
– 26
mV
Voltage Compliance
Operating Current = 50mA (Notes 6, 9)
q
±2
±10
V
Current Compliance
Operating Voltage =
±2V
q
±4
±50
mA
Transconductance
(Note 7)
gmCC2
Pin 1 = 2V, Pin 4 = – 2V
q
0.08
0.100
0.13
mho
gmEE2
Pin 1 = 2V, Pin 4 = – 2V
q
0.08
0.100
0.13
mho
gmCC10
Pin 1 = 10V, Pin 4 = – 10V
q
0.09
0.125
0.16
mho
gmEE10
Pin 1 = 10V, Pin 4 = – 10V
q
0.09
0.125
0.16
mho
PSRRCC
(Note 8)
19
dB
PSRREE
(Note 8)
19
dB
Current Limit Voltage
Operating Current 15mA to 50mA
Pin 7 Voltage to Pin 3
q
1.0
1.3
1.5
V
Pin 6 Voltage to Pin 3
q
–1.0
–1.3
–1.5
V
The q denotes specifications which apply over the full operating
temperature range.
Note 1: External power devices may require heat sinking.
Note 2: Commercial grade parts are designed to operate over the
temperature range of – 40
°C to 85°C but are neither tested nor guaranteed
beyond 0
°C to 70°C. Industrial grade parts specified and tested over
–40
°C and 85°C are available on special request, consult factory.
Note 3: TJ calculated from the ambient temperature TA and the power
dissipation PD according to the following formulas:
LT1166CN8: TJ = TA + (PD • 100°C/W)
LT1166CS8: TJ = TA + (PD • 150°C/W)
Note 4: ITOP = IBOTTOM
Note 5: The input resistance is typically 15M
Ω when the loop is closed.
When the loop is open (current limit) the input resistance drops to 200
Ω
referred to Pin 3.
Note 6: Maximum TJ can be exceeded with 50mA operating current and
simultaneous 10V and – 10V (20V total).
Note 7: Apply
±200mV to Pin 2 and measure current change in Pin 1
and 4. Pin 3 is grounded.
Note 8:
Note 9: For Linear Operation, Pin 1 must not be less than 2V or more than
10V from Pin 3. Similarly, Pin 4 must not be less than 2V or more than
10V from Pin 3.
Pin 1 = 2V, Pin 4 = – 2V, Operating current 15mA and RIN = 20k, unless otherwise specified.
1
2
3
4
8
7
6
5
TOP VIEW
VTOP
VIN
VOUT
VBOTTOM
SENSE+
ILIM
+
ILIM
–
SENSE–
N8 PACKAGE
8-LEAD PDIP
S8 PACKAGE
8-LEAD PLASTIC SO
+1
PSRRCC = gmCC2 – gmCC10
gm CC2
PSRREE = gmEE2 – gmEE10
gm EE2
LT1166CN8
LT1166CS8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com