Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LT1229 Datasheet(PDF) 2 Page - Linear Technology

Part # LT1229
Description  Dual and Quad 100MHz Current Feedback Amplifiers
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT1229 Datasheet(HTML) 2 Page - Linear Technology

  LT1229_15 Datasheet HTML 1Page - Linear Technology LT1229_15 Datasheet HTML 2Page - Linear Technology LT1229_15 Datasheet HTML 3Page - Linear Technology LT1229_15 Datasheet HTML 4Page - Linear Technology LT1229_15 Datasheet HTML 5Page - Linear Technology LT1229_15 Datasheet HTML 6Page - Linear Technology LT1229_15 Datasheet HTML 7Page - Linear Technology LT1229_15 Datasheet HTML 8Page - Linear Technology LT1229_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT1229/LT1230
2
A
G
A
U
A
R
BSOLUTEXI
TI
S
Supply Voltage ......................................................
±18V
Input Current ......................................................
±15mA
Output Short Circuit Duration (Note 2) ......... Continuous
Operating Temperature Range
LT1229C, LT1230C ............................... 0
°C to 70°C
LT1229M, LT1230M (OBSOLETE).. –55
°C to 125°C
Storage Temperature Range ..................–65
°C to 150°C
Junction Temperature
Plastic Package .............................................. 150
°C
Ceramic Package (OBSOLETE) ................ 175
°C
Lead Temperature (Soldering, 10 sec.)................. 300
°C
ORDER PART
NUMBER
LT1230CN
LT1230CS
ORDER PART
NUMBER
S8 PART MARKING
LT1229CN8
LT1229CS8
1229
PACKAGE/ORDER I FOR ATIO
S PACKAGE
14-LEAD PLASTIC SOIC
N PACKAGE
14-LEAD PLASTIC DIP
+
V
D
14
13
12
11
10
9
8
7
6
5
4
3
2
1
OUT A
–IN A
+IN A
+IN B
–IN B
OUT B
OUT C
V –
–IN D
OUT D
TOP VIEW
A
+IN D
+IN C
–IN C
C
B
8
7
6
5
4
3
2
1
+
–IN A
+IN A
V
TOP VIEW
N8 PACKAGE
8-LEAD PLASTIC DIP
OUT A
OUT B
–
V
–IN B
+IN B
A
B
S8 PACKAGE
8-LEAD PLASTIC SOIC
TJ MAX = 150°C, θJA = 100°C/W (N8)
TJ MAX = 150°C, θJA = 150°C/W (S8)
(Note 1)
TJ MAX = 175°C, θJA = 100°C/W (J8)
OBSOLETE PACKAGE
Consult LTC Marketing for parts specified with wider operating temperature ranges.
LT1229MJ8
LT1229CJ8
Consider the N Package for Alternate Source
LT1230MJ
LT1230CJ
TJ MAX = 150°C, θJA = 70°C/W (N)
TJ MAX = 150°C, θJA = 110°C/W (S)
OBSOLETE PACKAGE
Consider the N Package for Alternate Source
ORDER PART
NUMBER
J8 PACKAGE
8-LEAD CERAMIC DIP
TJ MAX = 175°C, θJA = 80°C/W (J)
J PACKAGE
14-LEAD CERAMIC DIP
ORDER PART
NUMBER



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com