Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MPSA63 Datasheet(PDF) 2 Page - KEC(Korea Electronics)

Part # MPSA63
Description  EPITAXIAL PLANAR PNP TRANSISTOR (GENERAL PURPOSE DARLINGTON TRANSISTOR)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KEC [KEC(Korea Electronics)]
Direct Link  http://www.keccorp.com
Logo KEC - KEC(Korea Electronics)

MPSA63 Datasheet(HTML) 2 Page - KEC(Korea Electronics)

  MPSA63 Datasheet HTML 1Page - KEC(Korea Electronics) MPSA63 Datasheet HTML 2Page - KEC(Korea Electronics)  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
1999. 11. 30
2/2
MPSA62/63/64
Revision No : 3
1
-30
-10
-3
-1
COLLECTOR CURRENT I
(mA)
C
f
- I
h
- I
C
COLLECTOR CURRENT I
(mA)
-1
-3
-10
-30
1k
BE
BASE EMITTER VOLTAGE V
(V)
0
-1
V
- I
COLLECTOR CURRENT I
(mA)
C
V
, V
- I
FE
C
-100
-300
-1k
3k
5k
10k
30k
50k
100k
300k
500k
1000k
V
=-5V
CE
T
C
-100
-300
-1k
3
5
10
30
50
100
300
500
1k
V
=-5V
CE
BE(sat)
C
V
-0.01
-1
-3
-1
-3
-5
-10
-0.1
-0.3
-0.5
-0.05
-0.03
BE(sat)
-10
-30
-100
-1k
-300
CE(sat)
CE(sat)
V
C
I /I =1000
B
BE(on)
C
-0.4
-0.8
-1.2
-1.6
-2.2
-2.6
-3
-5
-10
-30
-50
-100
-200
V
=-5V
CE



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com